Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC32046MFKB Datasheet(PDF) 19 Page - Texas Instruments

Part # TLC32046MFKB
Description  Wide-Band Analog Interface Circuit
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC32046MFKB Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLC32046MFKB Datasheet HTML 15Page - Texas Instruments TLC32046MFKB Datasheet HTML 16Page - Texas Instruments TLC32046MFKB Datasheet HTML 17Page - Texas Instruments TLC32046MFKB Datasheet HTML 18Page - Texas Instruments TLC32046MFKB Datasheet HTML 19Page - Texas Instruments TLC32046MFKB Datasheet HTML 20Page - Texas Instruments TLC32046MFKB Datasheet HTML 21Page - Texas Instruments TLC32046MFKB Datasheet HTML 22Page - Texas Instruments TLC32046MFKB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
2–5
2.8
Serial Port
The serial port has four possible configurations summarized in the function table on page 1–2. These
configurations are briefly described below.
•
The transmit and receive sections are operated asynchronously, and the serial port interfaces
directly with the TMS320C17. The communications protocol is two 8-bit bytes.
•
The transmit and receive sections are operated asynchronously, and the serial port interfaces
directly with the TMS32020, TMS320C25, and TMS320C30. The communications protocol is
one 16-bit word.
•
The transmit and receive sections are operated synchronously, and the serial port interfaces
directly with the TMS320C17. The communications protocol is two 8-bit bytes.
•
The transmit and receive sections are operated synchronously, and the serial port interfaces
directly with the TMS32020, TMS320C25, TMS320C30, or two SN74299 serial-to-parallel shift
registers, which can interface in parallel to the TMS32010, TMS320C15, to any other digital
signal processor, or to external FIFO circuitry. The communications protocol is one 16-bit word.
2.9
Synchronous Operation
When the transmit and receive sections are operated synchronously, the low-pass filter clock drives both
low-pass and band-pass filters (see Functional Block Diagram). The A/D conversion timing is derived from
and equal to the D/A conversion timing. When data bit D5 in the control register is a logic 1, transmit and
receive sections are synchronous. The band-pass switched-capacitor filter and the A/D converter timing are
derived from the TX(A) counter, the TX(B) counter, and the TA and TA’ registers. In synchronous operation,
both the A/D and the D/A channels operate from the same frequencies. The FSX and the FSR timing is
identical during primary communication, but FSR is not asserted during secondary communication because
there is no new A/D conversion result.
2.9.1
One 16-Bit Word (Dual-Word [ Telephone Interface] or Word Mode)
The serial port interfaces directly with the serial ports of the TMS32020, TMS320C25, and the TMS320C30,
and communicates in one 16-bit word. The operation sequence is as follows:
1.
The FSX and FSR pins are brought low by the TLC32046 AIC.
2.
One 16-bit word is transmitted and one 16-bit word is received.
3.
FSX and FSR are brought high.
4.
EODX and EODR emit low-going pulses one shift clock wide. EODX and EODR are valid in the
word or byte mode only.
If the device is in the dual-word (telephone interface) mode, FSD goes low during the secondary
communication period and enables the data word received at the DATA-DR/CONTROL input to be routed
to the DR line. The secondary communication period occurs four shift clocks after completion of primary
communications.
2.9.2
Two 8-Bit Bytes (Byte Mode)
The serial port interfaces directly with the serial port of the TMS320C17 and communicates in two 8-bit
bytes. The operation sequence is as follows:
1.
FSX and FSR are brought low.
2.
One 8-bit word is transmitted and one 8-bit word is received.
3.
EODX and EODR are brought low.
4.
FSX and FSR emit positive frame-sync pulses that are four shift clock cycles wide.
5.
One 8-bit byte is transmitted and one 8-bit byte is received.
6.
FSX and FSR are brought high.
7.
EODX and EODR are brought high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com