Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC32046MFKB Datasheet(PDF) 8 Page - Texas Instruments

Part # TLC32046MFKB
Description  Wide-Band Analog Interface Circuit
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC32046MFKB Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC32046MFKB Datasheet HTML 4Page - Texas Instruments TLC32046MFKB Datasheet HTML 5Page - Texas Instruments TLC32046MFKB Datasheet HTML 6Page - Texas Instruments TLC32046MFKB Datasheet HTML 7Page - Texas Instruments TLC32046MFKB Datasheet HTML 8Page - Texas Instruments TLC32046MFKB Datasheet HTML 9Page - Texas Instruments TLC32046MFKB Datasheet HTML 10Page - Texas Instruments TLC32046MFKB Datasheet HTML 11Page - Texas Instruments TLC32046MFKB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
1–2
1.1
Features
•
14-Bit Dynamic Range ADC and DAC
•
16-Bit Dynamic Range Input With Programmable Gain
•
Synchronous or Asynchronous ADC and DAC Sampling Rates Up to 25,000 Samples Per
Second
•
Programmable Incremental ADC and DAC Conversion Timing Adjustments
•
Typical Applications
– Speech Encryption for Digital Transmission
– Speech Recognition and Storage Systems
– Speech Synthesis
– Modems at 8-kHz, 9.6-kHz, and 16-kHz Sampling Rates
– Industrial Process Control
– Biomedical Instrumentation
– Acoustical Signal Processing
– Spectral Analysis
– Instrumentation Recorders
– Data Acquisition
•
Switched-Capacitor Antialiasing Input Filter and Output-Reconstruction Filter
•
Three Fundamental Modes of Operation: Dual-Word (Telephone Interface), Word, and Byte
•
600-mil Wide N Package
•
Digital Output in Twos Complement Format
•
CMOS Technology
FUNCTION TABLE
DATA
COMMUNICATIONS
FORMAT
SYNCHRONOUS
(CONTROL
REGISTER
BIT D5 = 1)
ASYNCHRONOUS
(CONTROL
REGISTER
BIT D5 = 0)
FORCING CONDITION
DIRECT
INTERFACE
16-bit format
Dual-word
(telephone
interface) mode
Dual-word
(telephone interface)
mode
Terminal 13 = 0 to 5 V
Terminal 1 = 0 to 5 V
TMS32020,
TMS320C25,
TMS320C30
16-bit format
Word mode
Word mode
Terminal 13 = VCC– (– 5 V nom)
Terminal 1 = VCC+ (5 V nom)
TMS32020,
TMS320C25,
TMS320C30,
indirect
interface to
TMS320C10.
(see Figure 7).
8-bit format
(2 bytes required)
Byte mode
Byte mode
Terminal 13 = VCC – (– 5 V nom)
Terminal 1 = VCC – (– 5 V nom)
TMS320C17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com