Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC32046MFKB Datasheet(PDF) 39 Page - Texas Instruments

Part # TLC32046MFKB
Description  Wide-Band Analog Interface Circuit
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC32046MFKB Datasheet(HTML) 39 Page - Texas Instruments

Back Button TLC32046MFKB Datasheet HTML 35Page - Texas Instruments TLC32046MFKB Datasheet HTML 36Page - Texas Instruments TLC32046MFKB Datasheet HTML 37Page - Texas Instruments TLC32046MFKB Datasheet HTML 38Page - Texas Instruments TLC32046MFKB Datasheet HTML 39Page - Texas Instruments TLC32046MFKB Datasheet HTML 40Page - Texas Instruments TLC32046MFKB Datasheet HTML 41Page - Texas Instruments TLC32046MFKB Datasheet HTML 42Page - Texas Instruments TLC32046MFKB Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
4–1
4 Parameter Measurement Information
Rfb = 4R for D6 = 0, and D7 = 1
Rfb = 2R for D6 = 1 and D7 = 0
D6 = 0 and D7 = 0
Rfb = R for D6 = 1 and D7 = 1
To Multiplexer
Rfb
+
–
IN –
or
AUX IN –
IN +
or
AUX IN +
R
R
–
+
Rfb
Figure 4–1. IN + and IN – Gain Control Circuitry
Table 4–1. Gain Control Table (Analog Input Signal Required for
Full-Scale Bipolar A/D Conversion Twos Complement)†
INPUT
CONTROL REGISTER BITS
ANALOG
A/D CONVERSION
CONFIGURATIONS
D6
D7
ANALOG
INPUT‡§
RESULT
1
1
VID = ± 6V
±full scale
Differential configuration
Al
i
t
IN
IN
0
0
VID = ± 6 V
±full scale
Analog input = IN + – IN –
= AUX IN + – AUX IN –
1
0
VID = ± 3 V
±full scale
= AUX IN + – AUX IN –
0
1
VID = ± 1.5 V
±full scale
1
1
VI = ± 3V
±half scale
Single-ended configuration
Analog input
IN +
ANLG GND
0
0
VI = ± 3 V
±half scale
Analog input = IN + – ANLG GND
= AUX IN + –ANLG GND
1
0
VI = ± 3 V
±full scale
= AUX IN + ANLG GND
0
1
VI = ± 1.5 V
±full scale
† VCC+ = 5 V, VCC– = –5 V, VDD = 5 V
‡ VID = Differential Input Voltage, VI = Input voltage referenced to ground with IN– or AUX IN– connected to GND.
§ In this example, Vref is assumed to be 3 V. In order to minimize distortion, it is recommended that the analog input not
exceed 0.1 dB below full scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com