Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC32046MFKB Datasheet(PDF) 55 Page - Texas Instruments

Part # TLC32046MFKB
Description  Wide-Band Analog Interface Circuit
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC32046MFKB Datasheet(HTML) 55 Page - Texas Instruments

Back Button TLC32046MFKB Datasheet HTML 48Page - Texas Instruments TLC32046MFKB Datasheet HTML 49Page - Texas Instruments TLC32046MFKB Datasheet HTML 50Page - Texas Instruments TLC32046MFKB Datasheet HTML 51Page - Texas Instruments TLC32046MFKB Datasheet HTML 52Page - Texas Instruments TLC32046MFKB Datasheet HTML 53Page - Texas Instruments TLC32046MFKB Datasheet HTML 54Page - Texas Instruments TLC32046MFKB Datasheet HTML 55Page - Texas Instruments TLC32046MFKB Datasheet HTML 56Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 55 / 56 page
background image
6–1
6 Application Information
C = 0.2
µF, Ceramic
TLC32046
+ 5 V
DGTL GND
VDD
VCC –
ANLG GND
REF
VCC +
A
D
C
+ 5 V
– 5 V
0.1
µF
C
C
BAT 42
SHIFT CLK
DR
FSR
DX
FSX
MSTR CLK
TMS32020/C25
CLKX
CLKR
DR
FSR
DX
FSX
CLKOUT
†
Figure 6 –1. AIC Interface to the TMS32020/C25 Showing Decoupling Capacitors
and Schottky Diode†
† Thomson Semiconductors
VCC = 5 V, R = 1600 Ω
VCC = 10 V, R = 5600 Ω
FOR: VCC = 12 V, R = 7200 Ω
D
3 V Output
0.01
µF
TL431
VCC
R
2500
Ω
500
Ω
Figure 6 –2. External Reference Circuit for TLC32046



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com