Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC32046MFKB Datasheet(PDF) 15 Page - Texas Instruments

Part # TLC32046MFKB
Description  Wide-Band Analog Interface Circuit
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC32046MFKB Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLC32046MFKB Datasheet HTML 11Page - Texas Instruments TLC32046MFKB Datasheet HTML 12Page - Texas Instruments TLC32046MFKB Datasheet HTML 13Page - Texas Instruments TLC32046MFKB Datasheet HTML 14Page - Texas Instruments TLC32046MFKB Datasheet HTML 15Page - Texas Instruments TLC32046MFKB Datasheet HTML 16Page - Texas Instruments TLC32046MFKB Datasheet HTML 17Page - Texas Instruments TLC32046MFKB Datasheet HTML 18Page - Texas Instruments TLC32046MFKB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
2–1
2
Detailed Description
Table 2–1. Mode-Selection Function Table
DATA-DR/
CONTROL
(Terminal 13)
FSD/
WORD-BYTE
(Terminal 1)
CONTROL
REGISTER
BIT (D5)
OPERATING
MODE
SERIAL
CONFIGURATION
DESCRIPTION
Data in
(0 V to 5 V)
FSD out
(0 V to 5 V)
1
Dual Word
(Telephone
Interface)
Synchronous,
One 16-Bit Word
Terminal functions DATA-DR†,
FSD†, D11OUT, and D10OUT
are applicable in this
configuration. FSD is asserted
during secondary
communication, but FSR is not
asserted. However, FSD
remains high during primary
communication.
Data in
(0 V to 5 V)
FSD out
(0 V to 5 V)
0
Dual Word
(Telephone
Interface)
Synchronous,
One 16-Bit Word
Terminal functions DATA-DR †,
FSD†, D11OUT, and D10OUT
are applicable in this
configuration. FSD is asserted
during secondary
communication, but FSR is not
asserted. However, FSD
remains high during primary
communication. If secondary
communications occur while
the A/D conversion is being
transmitted from DR, FSD
cannot go low, and data from
DATA-DR cannot go onto DR.
VCC
1
WORD
Synchronous,
One 16-Bit Word
Terminal functions
CONTROL†, WORD-BYTE†,
EODR, and EODX are
applicable in this configuration.
VCC
VCC +
0
WORD
Asynchronous,
One 16-bit Word
Terminal functions
CONTROL†, WORD-BYTE†,
EODR, and EODX are
applicable in this configuration.
VCC –
VCC
1
BYTE
Synchronous,
Two 8-Bit Bytes
Terminal functions
CONTROL†, WORD-BYTE†,
EODR, and EODX are
applicable in this configuration.
VCC –
0
BYTE
Asynchronous,
Two 8-Bit Bytes
Terminal functions
CONTROL†, WORD-BYTE†,
EODR, and EODX are
applicable in this configuration.
† DATA-DR/CONTROL has an internal pulldown resistor to – 5 V, and FSD/WORD-BYTE has an internal pullup resistor
to 5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com