Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC32046MFKB Datasheet(PDF) 10 Page - Texas Instruments

Part # TLC32046MFKB
Description  Wide-Band Analog Interface Circuit
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC32046MFKB Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC32046MFKB Datasheet HTML 6Page - Texas Instruments TLC32046MFKB Datasheet HTML 7Page - Texas Instruments TLC32046MFKB Datasheet HTML 8Page - Texas Instruments TLC32046MFKB Datasheet HTML 9Page - Texas Instruments TLC32046MFKB Datasheet HTML 10Page - Texas Instruments TLC32046MFKB Datasheet HTML 11Page - Texas Instruments TLC32046MFKB Datasheet HTML 12Page - Texas Instruments TLC32046MFKB Datasheet HTML 13Page - Texas Instruments TLC32046MFKB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
1–4
FRAME SYNCHRONIZATION FUNCTIONS
Function
Frame Sync Output
Receiving serial data on DX from processor to internal DAC
FSX low
Transmitting serial data on DR from internal ADC to processor, primary communications
FSR low
Transmitting serial data on DR from Data-DR to processor, secondary communications in
dual-word (telephone interface) mode only
FSD low
TLC32046
Logic Levels
TTL or CMOS
TMS32020,
TMS320C25,
TMS320C30, or
Equivalent 16-Bit DSP
– 5 V
5 V
FSD
D11OUT
Serial Data Out
DR
Serial Data In
DX
DATA-DR
or CMOS Logic Levels
16-Bit Format TTL
Secondary Communication (see Table above)
Serial Data Input
Analog Out
Analog In
OUT –
OUT +
IN –
IN +
FSR
D10OUT
FSX
VCC –
VCC +
20
19
26
25
22
21
1
5
4
3
12
14
11
13
Figure 1–1. Dual-Word (Telephone Interface) Mode
When the DATA-DR/CONTROL input is tied to a logic signal source varying between 0 and 5 V, the
TLC32046 is in the dual-word (telephone interface) mode. This logic signal is routed to the DR line for input
to the DSP only when data frame synchronization (FSD) outputs a low level. The FSD pulse duration is 16
shift clock pulses. Also, in this mode, the control register data bits D10 and D11 appear on D10OUT and
D11OUT, respectively, as outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com