Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC32046MFKB Datasheet(PDF) 25 Page - Texas Instruments

Part # TLC32046MFKB
Description  Wide-Band Analog Interface Circuit
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC32046MFKB Datasheet(HTML) 25 Page - Texas Instruments

Back Button TLC32046MFKB Datasheet HTML 21Page - Texas Instruments TLC32046MFKB Datasheet HTML 22Page - Texas Instruments TLC32046MFKB Datasheet HTML 23Page - Texas Instruments TLC32046MFKB Datasheet HTML 24Page - Texas Instruments TLC32046MFKB Datasheet HTML 25Page - Texas Instruments TLC32046MFKB Datasheet HTML 26Page - Texas Instruments TLC32046MFKB Datasheet HTML 27Page - Texas Instruments TLC32046MFKB Datasheet HTML 28Page - Texas Instruments TLC32046MFKB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
2–11
VCC +
RESET
VCC –
200 k
Ω
5 V
0.5
µF
– 5 V
TLC32046
Figure 2–3. Reset on Power-Up Circuit
2.17 Power-Up Sequence
To ensure proper operation of the AIC and as a safeguard against latch-up, it is recommended that Schottky
diodes with forward voltages less than or equal to 0.4 V be connected from VCC– to ANLG GND and from
VCC– to DGTL GND. In the absence of such diodes, power is applied in the following sequence: ANLG GND
and DGTL GND, VCC–, then VCC+ and VDD. Also, no input signal is applied until after power-up.
2.18 AIC Register Constraints
The following constraints are placed on the contents of the AIC registers:
1.
TA register must be
≥ 4 in word mode (WORD/BYTE= high).
2.
TA register must be
≥ 5 in byte mode (WORD/BYTE= low).
3.
TA
′ register can be either positive, negative, or zero.
4.
RA register must be
≥ 4 in word mode (WORD/BYTE = high).
5.
RA register must be
≥ 5 in byte mode (WORD/BYTE = low).
6.
RA
′ register can be either positive, negative, or zero.
7.
(TA register
± TA′ register) must be > 1.
8.
(RA register
± RA′ register) must be > 1.
9.
TB register must be
≥ 15.
10. RB register must be
≥ 15.
2.19 AIC Responses to Improper Conditions
The AIC has provisions for responding to improper conditions. These improper conditions and the response
of the AIC to these conditions are presented in Table 2– 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com