Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC32046MFKB Datasheet(PDF) 23 Page - Texas Instruments

Part # TLC32046MFKB
Description  Wide-Band Analog Interface Circuit
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC32046MFKB Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLC32046MFKB Datasheet HTML 19Page - Texas Instruments TLC32046MFKB Datasheet HTML 20Page - Texas Instruments TLC32046MFKB Datasheet HTML 21Page - Texas Instruments TLC32046MFKB Datasheet HTML 22Page - Texas Instruments TLC32046MFKB Datasheet HTML 23Page - Texas Instruments TLC32046MFKB Datasheet HTML 24Page - Texas Instruments TLC32046MFKB Datasheet HTML 25Page - Texas Instruments TLC32046MFKB Datasheet HTML 26Page - Texas Instruments TLC32046MFKB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
2–9
2.15.2
Primary DX Word Bit Pattern
Using 8-bit processors, the data word is transmitted in the same order as one 16-bit word, but as two bytes
with the two LSBs of the second byte set to zero.
A/D OR D/A MSB
1st bit sent
1st bit sent of 2nd byte
A/D or D/A LSB
↓
↓↓
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Table 2–2. Primary DX Serial Communication Protocol
FUNCTIONS
D1
D0
D15 (MSB)-D2
→ DAC Register.
TA
→ TX(A), RA → RX(A) (see Figure 2–1).
TB
→ TX(B), RB → RX(B) (see Figure 2–1).
0
0
D15 (MSB)-D2
→ DAC Register.
TA+TA
′ → TX(A), RA+RA′ → RX(A) (see Figure 2–1).
TB
→ TX(B), RB → RX(B) (see Figure 2–1).
The next D/A and A/D conversion period is changed by the addition of TA
′ and RA′ master clock cycles,
in which TA
′ and RA′ can be positive, negative, or zero (refer to Table 2–4).
0
1
D15 (MSB)-D2
→ DAC Register.
TA–TA
′ → TX(A), RA–RA′ → RX(A) (see Figure 2–1).
TB
→ TX(B), RB → RX(B) (see Figure 2–1).
The next D/A and A/D conversion period is changed by the subtraction of TA
′ and RA′ master clock cycles,
in which TA
′ and RA′ can be positive, negative, or zero (refer to Table 2–4).
1
0
D15 (MSB)-D2
→ DAC Register.
TA
→ TX(A), RA → RX(A) (see Figure 2–1).
TB
→ TX(B), RB → RX(B) (see Figure 2–1).
After a delay of four shift cycles, a secondary transmission follows to program the AIC to operate in the
desired configuration. In the telephone interface mode, data on DATA DR is routed to DR during
secondary transmission.
1
1
NOTE: Setting the two least significant bits to 1 in the normal transmission of DAC information (primary communications)
to the AIC initiates secondary communications upon completion of the primary communications. When the
primary communication is complete, FSX remains high for four SHIFT CLOCK cycles and then goes low and
initiates the secondary communication. The timing specifications for the primary and secondary communications
are identical. In this manner, the secondary communication, if initiated, is interleaved between successive
primary communications. This interleaving prevents the secondary communication from interfering with the
primary communications and DAC timing. This prevents the AIC from skipping a DAC output. FSR is not asserted
during secondary communications activity. However, in the dual-word (telephone interface) mode, FSD is
asserted during secondary communications but not during primary communications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com