Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC32046MFKB Datasheet(PDF) 34 Page - Texas Instruments

Part # TLC32046MFKB
Description  Wide-Band Analog Interface Circuit
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC32046MFKB Datasheet(HTML) 34 Page - Texas Instruments

Back Button TLC32046MFKB Datasheet HTML 30Page - Texas Instruments TLC32046MFKB Datasheet HTML 31Page - Texas Instruments TLC32046MFKB Datasheet HTML 32Page - Texas Instruments TLC32046MFKB Datasheet HTML 33Page - Texas Instruments TLC32046MFKB Datasheet HTML 34Page - Texas Instruments TLC32046MFKB Datasheet HTML 35Page - Texas Instruments TLC32046MFKB Datasheet HTML 36Page - Texas Instruments TLC32046MFKB Datasheet HTML 37Page - Texas Instruments TLC32046MFKB Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
3–4
3.3.7
Receive Channel Signal-to-Distortion Ratio (see Note 7)
PARAMETER
TEST CONDITIONS
Av = 1‡
Av = 2‡
Av = 4‡
UNIT
PARAMETER
TEST CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
VI = – 6 dB to – 0.1 dB
58
§
§
VI = – 12 dB to – 6 dB
58
58
§
VI = – 18 dB to – 12 dB
56
58
58
A/D channel signal to
VI = – 24 dB to – 18 dB
50
56
58
A/D channel signal-to-
distortion ratio
VI = – 30 dB to – 24 dB
44
50
56
dB
distortion ratio
VI = – 36 dB to – 30 dB
38
44
50
VI = – 42 dB to – 36 dB
32
38
44
VI = – 48 dB to – 42 dB
26
32
38
VI = – 54 dB to – 48 dB
20
26
32
‡ Av is the programmable gain of the input amplifier.
§ Measurements under these conditions are unreliable due to overrange and signal clipping.
NOTE 7: The test condition is a 1-kHz input signal with a 16-kHz conversion rate. The load impedance for the DAC is
600
Ω. Input and output voltages are referred to Vref.
3.3.8
Transmit Channel Signal-to-Distortion Ratio (see Note 7)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VI = – 6 dB to – 0.1 dB
58
VI = – 12 dB to – 6 dB
58
VI = – 18 dB to – 12 dB
56
VI = – 24 dB to – 18 dB
50
D/A channel signal-to-distortion ratio
VI = – 30 dB to – 24 dB
44
dB
VI = – 36 dB to – 30 dB
38
VI = – 42 dB to – 36 dB
32
VI = – 48 dB to – 42 dB
26
VI = – 54 dB to – 48 dB
20
NOTE 7: The test condition is a 1-kHz input signal with a 16-kHz conversion rate. The load impedance for the DAC is
600
Ω. Input and output voltages are referred to Vref.
3.3.9
Receive and Transmit Gain and Dynamic Range (see Note 8)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Transmit gain tracking error
C, I
VO = – 48 dB to 0 dB signal range
±0.05 ±0.15
dB
Receive gain tracking error
C, I
VI = – 48 dB to 0 dB signal range
±0.05 ±0.15
dB
Transmit gain tracking error
M
VO = – 48 dB to 0 dB signal range,
TA = 25°C
±0.05 ±0.25
dB
Receive gain tracking error
M
VI = – 48 dB to 0 dB signal range,
TA = 25°C
±0.05 ±0.25
dB
Transmit gain tracking error
M
VO = – 48 dB to 0 dB signal range,
±0.4
dB
Receive gain tracking error
M
O
gg
TA = – 55°C TO 125°C
±0.4
dB
NOTE 8: Gain tracking is relative to the absolute gain at 1 kHz and 0 dB (0 dB relative to Vref).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com