Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC32046MFKB Datasheet(PDF) 49 Page - Texas Instruments

Part # TLC32046MFKB
Description  Wide-Band Analog Interface Circuit
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC32046MFKB Datasheet(HTML) 49 Page - Texas Instruments

Back Button TLC32046MFKB Datasheet HTML 45Page - Texas Instruments TLC32046MFKB Datasheet HTML 46Page - Texas Instruments TLC32046MFKB Datasheet HTML 47Page - Texas Instruments TLC32046MFKB Datasheet HTML 48Page - Texas Instruments TLC32046MFKB Datasheet HTML 49Page - Texas Instruments TLC32046MFKB Datasheet HTML 50Page - Texas Instruments TLC32046MFKB Datasheet HTML 51Page - Texas Instruments TLC32046MFKB Datasheet HTML 52Page - Texas Instruments TLC32046MFKB Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
5–5
D/A (sin x) /x CORRECTION FILTER RESPONSE
Normalized Frequency
200
100
0
02
4
6
8
10
12
300
400
500
14
16
18
20
TA = 25°C
Input =
± 3 V Sine Wave
Figure 5 –9
0
– 0.4
– 1.2
– 1.6
– 2
1.6
– 0.8
0
1
2345
6
0.8
0.4
1.2
D/A (sin x) /x CORRECTION ERROR
2
78
9
10
(sin x) /x Correction
Error
TA = 25°C
Input =
± 3 V Sine Wave
Normalized Frequency
19.2 kHz (sin x) /x
Distortion
Figure 5 –10
NOTE : Absolute Frequency (kHz)
+
Normalized Frequency
SCF f
clock
(kHz)
288
For Low-Pass SCF f
clock u
288 kHz, please call the factory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com