Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC32046MFKB Datasheet(PDF) 12 Page - Texas Instruments

Part # TLC32046MFKB
Description  Wide-Band Analog Interface Circuit
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC32046MFKB Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLC32046MFKB Datasheet HTML 8Page - Texas Instruments TLC32046MFKB Datasheet HTML 9Page - Texas Instruments TLC32046MFKB Datasheet HTML 10Page - Texas Instruments TLC32046MFKB Datasheet HTML 11Page - Texas Instruments TLC32046MFKB Datasheet HTML 12Page - Texas Instruments TLC32046MFKB Datasheet HTML 13Page - Texas Instruments TLC32046MFKB Datasheet HTML 14Page - Texas Instruments TLC32046MFKB Datasheet HTML 15Page - Texas Instruments TLC32046MFKB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
1–6
1.3
Terminal Assignments
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
FSD/WORD-BYTE§
RESET
D11OUT/EODR§
FSR
DR
MSTR CLK
VDD
REF
DGTL GND
SHIFT CLK
D10OUT/EODX§
DX
‡DATA-DR/CONTROL§
FSX
NU
NU
IN+
IN –
AUX IN+
AUX IN –
OUT+
OUT–
VCC+
VCC –
ANLG GND
ANLG GND
NU
NU
J † OR N PACKAGE ‡
(TOP VIEW)
32 1 28 27
12 13
5
6
7
8
9
10
11
25
24
23
22
21
20
19
IN –
AUX IN+
AUX IN –
OUT+
OUT–
VCC+
VCC –
DR
MSTR CLK
VDD
REF
DGTL GND
SHIFT CLK
D10OUT/EODX§
4
26
14 15 16 17 18
FK OR FN PACKAGE
(TOP VIEW)
NU - Nonusable; no external connection should be made to these terminals.
† Refer to the mechanical data for the JT package.
‡ 600-mil wide
§ The portion of the terminal name to the left of the slash is used for the dual-word (telephone interface) mode.
The portion of the terminal name to the right of the slash is used for word-byte mode.
1.4
Ordering Information
AVAILABLE OPTIONS
PACKAGE
TA
PLASTIC CHIP
CARRIER
(FN)
PLASTIC DIP
(N)
CERAMIC DIP
(J)
CHIP CARRIER
(FK)
0
°C to 70°C
TLC32046CFN
TLC32046CN
– 40
°C to 85°C
TLC32046IFN
TLC32046IN
– 55
°C to 125°C
TLC32046MJ
TLC32046MFK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com