Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC32046MFKB Datasheet(PDF) 33 Page - Texas Instruments

Part # TLC32046MFKB
Description  Wide-Band Analog Interface Circuit
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC32046MFKB Datasheet(HTML) 33 Page - Texas Instruments

Back Button TLC32046MFKB Datasheet HTML 29Page - Texas Instruments TLC32046MFKB Datasheet HTML 30Page - Texas Instruments TLC32046MFKB Datasheet HTML 31Page - Texas Instruments TLC32046MFKB Datasheet HTML 32Page - Texas Instruments TLC32046MFKB Datasheet HTML 33Page - Texas Instruments TLC32046MFKB Datasheet HTML 34Page - Texas Instruments TLC32046MFKB Datasheet HTML 35Page - Texas Instruments TLC32046MFKB Datasheet HTML 36Page - Texas Instruments TLC32046MFKB Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
3–3
3.3.4
Receive Amplifier Input
PARAMETER
TEST
CONDITIONS
MIN
TYP†
MAX
UNIT
A/D converter offset error (filters in)
10
70
mV
CMRR
Common-mode rejection ratio at IN+, IN –, or AUX
IN+, AUX IN –
See Note 6
55
dB
ri
Input resistance at IN+, IN – or
AUX IN+, AUX IN+, AUX IN –, REF
100
k
Ω
NOTE 6: The test condition is a 0-dBm, 1-kHz input signal with a 16-kHz conversion rate.
3.3.5
Transmit Filter Output
PARAMETER
TEST
CONDITIONS
MIN
TYP†
MAX
UNIT
VOO
Output offset voltage at OUT+ or
OUT (single ended relative to
TLC32046C, I
15
80
mV
VOO
OUT– (single-ended relative to
ANLG GND)
TLC32046M
15
85
mV
Maximum peak output voltage
swing across RL at OUT+ or OUT
TLC32046C I
RL ≥ 300 Ω,
Offset voltage
±3
V
VOM
swing across RL at OUT+ or OUT–
(single-ended)
TLC32046C, I
Offset voltage
= 0
±3
V
VOM
Maximum peak output voltage
swing between OUT+ and OUT–
(differential output)
RL ≥ 600 Ω
±6
V
† All typical values are at TA = 25°C.
3.3.6
Receive and Transmit Channel System Distortion, SCF Clock
Frequency = 288 kHz (see Note 7)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Attenuation of second harmonic of
Single-ended
70
dB
A/D input signal
Differential
VI = 0 1 dB to 24 dB
62
70
dB
Attenuation of third and higher
Single-ended
VI = – 0.1 dB to – 24 dB
65
dB
g
harmonics of A/D input signal
Differential
57
65
dB
Attenuation of second harmonic of
Single-ended
70
dB
D/A input signal
Differential
VI = 0dBto 24 dB
62
70
dB
Attenuation of third and higher
Single-ended
VI = – 0 dB to – 24 dB
65
dB
g
harmonics of D/A input signal
Differential
57
65
dB
† All typical values are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com