Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC32046MFKB Datasheet(PDF) 40 Page - Texas Instruments

Part # TLC32046MFKB
Description  Wide-Band Analog Interface Circuit
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC32046MFKB Datasheet(HTML) 40 Page - Texas Instruments

Back Button TLC32046MFKB Datasheet HTML 36Page - Texas Instruments TLC32046MFKB Datasheet HTML 37Page - Texas Instruments TLC32046MFKB Datasheet HTML 38Page - Texas Instruments TLC32046MFKB Datasheet HTML 39Page - Texas Instruments TLC32046MFKB Datasheet HTML 40Page - Texas Instruments TLC32046MFKB Datasheet HTML 41Page - Texas Instruments TLC32046MFKB Datasheet HTML 42Page - Texas Instruments TLC32046MFKB Datasheet HTML 43Page - Texas Instruments TLC32046MFKB Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
4–2
DATA-DR
DX
DR
FSX, FSR, FSD
td (CH-DR)
tsu (DX)
D15
D14
D13
D12
D2
D1
D0
Don’t Care
D0
D1
D2
D11
D12
D13
D14
D15
D0
D1
D2
D11
D12
D13
D14
D15
8 V
2 V
2 V
8 V
2 V
2 V
8 V
td (CH-FL)
td (CH-FH)
tc (SCLK)
D11
2 V
SHIFT
CLK
Figure 4–2. Dual-Word (Telephone Interface) Mode Timing
DX
DR
FSX, FSR†
td (CH–DR)
tsu (DX)
Don’t Care
D0
D1
D2
D11
D12
D13
D14
D15
D0
D1
D2
D11
D12
D13
D14
D15
8 V
2 V
2 V
8 V
2 V
2 V
8 V
td (CH-FL)
td (CH-FH)
tc (SCLK)
2 V
SHIFT
CLK
8 V
2 V
th (DX)
td (CH-EL)
td (CH-EH)
EODX, EODR‡
Figure 4–3. Word Timing
† The time between falling edges of FSR is the A/D conversion period and the time between falling edges of FSX is the
D/A conversion period.
‡ In the word format, EODX and EODR go low to signal the end of a 16-bit data word to the processor. The word-cycle
is 20 shift-clocks wide, giving a four-clock period setup time between data words.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com