Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC32046MFKB Datasheet(PDF) 28 Page - Texas Instruments

Part # TLC32046MFKB
Description  Wide-Band Analog Interface Circuit
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC32046MFKB Datasheet(HTML) 28 Page - Texas Instruments

Back Button TLC32046MFKB Datasheet HTML 24Page - Texas Instruments TLC32046MFKB Datasheet HTML 25Page - Texas Instruments TLC32046MFKB Datasheet HTML 26Page - Texas Instruments TLC32046MFKB Datasheet HTML 27Page - Texas Instruments TLC32046MFKB Datasheet HTML 28Page - Texas Instruments TLC32046MFKB Datasheet HTML 29Page - Texas Instruments TLC32046MFKB Datasheet HTML 30Page - Texas Instruments TLC32046MFKB Datasheet HTML 31Page - Texas Instruments TLC32046MFKB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
2–14
FSR
FSX
t2
Secondary
Primary
Secondary
Primary
t1
Secondary
Primary
Transmit
Conversion
Preload A
Transmit
Conversion
Preload B
Transmit
Conversion
Preload C
Receive
Conversion
Period A
Receive
Conversion
Period B
Figure 2–7. More Than One Set of Primary and Secondary DX
Serial Communications Between Two Receive Frame Syncs
2.24 System Frequency Response Correction
The (sin x)/x correction for the DAC zero-order sample-and-hold output can be provided by an on-board
second-order (sin x)/x correction filter (see Functional Block Diagram). This (sin x)/x correction filter can be
inserted into or omitted from the signal path by digital-signal-processor control (data bit D9 in the DX
secondary communications). When inserted, the (sin x)/x correction filter precedes the switched-capacitor
low-pass filter. When the TB register (see Figure 2–1) equals 15, the correction results of Figures 5 – 5, 5 – 6,
and 5 –7 can be obtained.
The (sin x)/x correction [see section (sin x)/x] can also be accomplished by disabling the on-board
second-order correction filter and performing the (sin x)/x correction in digital signal processor software. The
system frequency response can be corrected via DSP software to
± 0.1 dB accuracy to a band edge of
3000 Hz for all sampling rates. This correction is accomplished with a first-order digital correction filter, that
requires seven TMS320 instruction cycles. With a 200-ns instruction cycle, seven instructions represent an
overhead factor of 1.1% and 1.3% for sampling rates of 8 and 9.6 kHz, respectively (see the (Sin x)/x
Correction Section for more details).
2.25 (Sin x)/x Correction
If the designer does not wish to use the on-board second-order (sin x)/x correction filter, correction can be
accomplished in digital signal processor (DSP) software. (Sin x)/x correction can be accomplished easily
and efficiently in digital signal processor software. Excellent correction accuracy can be achieved to a band
edge of 3000 Hz by using a first-order digital correction filter. The results shown are typical of the numerical
correction accuracy that can be achieved for sample rates of interest. The filter requires seven instruction
cycles per sample on the TMS320 DS. With a 200-ns instruction cycle, nine instructions per sample
represents an overhead factor of 1.4% and 1.7% for sampling rates of 8000 Hz and 9600 Hz, respectively.
This correction adds a slight amount of group delay at the upper edge of the 300-Hz to 3000-Hz band.
2.26 (Sin x)/x Roll-Off for a Zero-Order Hold Function
The (sin x)/x roll-off error for the AIC DAC zero-order hold function at a band-edge frequency of 3000 Hz
for the various sampling rates is shown in Table 2–5 (see Figure 5 –7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com