Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC32046MFKB Datasheet(PDF) 35 Page - Texas Instruments

Part # TLC32046MFKB
Description  Wide-Band Analog Interface Circuit
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC32046MFKB Datasheet(HTML) 35 Page - Texas Instruments

Back Button TLC32046MFKB Datasheet HTML 31Page - Texas Instruments TLC32046MFKB Datasheet HTML 32Page - Texas Instruments TLC32046MFKB Datasheet HTML 33Page - Texas Instruments TLC32046MFKB Datasheet HTML 34Page - Texas Instruments TLC32046MFKB Datasheet HTML 35Page - Texas Instruments TLC32046MFKB Datasheet HTML 36Page - Texas Instruments TLC32046MFKB Datasheet HTML 37Page - Texas Instruments TLC32046MFKB Datasheet HTML 38Page - Texas Instruments TLC32046MFKB Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
3–5
3.3.10
Receive Channel Band-Pass Filter Transfer Function, SCF fclock = 288 kHz,
Input (IN+ – IN –) Is A
±3-V Sine Wave‡ (see Note 9)
PARMETER
TEST
FREQUENCY
ADJUSTMENT
MIN
TYP†
MAX
UNIT
PARMETER
CONDITION
FREQUENCY
ADJUSTMENT
MIN
TYP†
MAX
UNIT
f
≤ 100 Hz
K1
× 0 dB
– 33
– 29
– 25
f = 200 Hz
K1
× –0.26 dB
– 4
– 2
– 1
f = 300 Hz to 6200 Hz
K1
× 0 dB
– 0.25
0
0.25
Input signal
f = 6200 Hz to 6600 Hz
K1
× 0 dB
– 0.3
0
0.3
Filter gain
Input signal
reference is 0 dB
f = 6600 Hz to 7300 Hz
K1
× 0 dB
0
0.5
dB
reference is 0 dB
f = 7600 Hz
K1
× 2.3 dB
–2
– 0.5
f = 8000 Hz
K1
× 2.7 dB
– 16
– 14
f
≥ 8800 Hz
K1
× 3.2 dB
– 40
f
≥ 10000 Hz
K1
× 0 dB
– 65
3.3.11
Receive and Transmit Channel Low-Pass Filter Transfer Function,
SCF fclock = 288 kHz (see Note 9)
TEST
FREQUENCY
ADJUSTMENT
MIN
TYP†
MAX
UNIT
CONDITION
RANGE
ADDEND‡
MIN
TYP†
MAX
UNIT
f = 0 Hz to 6200 Hz
K1
× 0 dB
– 0.25
0
0.25
f = 6200 Hz to 6600 Hz
K1
× 0 dB
– 0.3
0
0.3
It il
f = 6600 Hz to 7300 Hz
K1
× 0 dB
– 0.5
0
0.5
Filter gain
Input signal
reference is 0 dB
f = 7600 Hz
K1
× 2.3 dB
– 2
– 0.5
dB
reference is 0 dB
f = 8000 Hz
K1
× 2.7 dB
– 16
– 14
f
≥ 8800 Hz
K1
× 3.2 dB
– 40
f
≥ 10000 Hz
K1
× 0 dB
– 65
† All typical values are at TA = 25°C.
‡ The MIN, TYP, and MAX specifications are given for a 288-kHz SCF clock frequency. A slight error in the 288-kHz SCF
may result from inaccuracies in the MSTR CLK frequency, resulting from crystal frequency tolerances. If this frequency
error is less than 0.25%, the ADJUSTMENT ADDEND should be added to the MIN, TYP, and MAX specifications,
where K1 = 100
• [(SCF frequency – 288 kHz)/288 kHz]. For errors greater than 0.25%, see Note 9.
NOTE 9: The filter gain outside of the pass band is measured with respect to the gain at 1 kHz (2 kHz for M version).
The filter gain within the pass band is measured with respect to the average gain within the pass band. The
pass bands are 300 Hz to 7200 Hz and 0 to 7200 Hz for the band-pass and low-pass filters, respectively. For
switched-capacitor filter clocks at frequencies other than 288 kHz, the filter response is shifted by the ratio of
switched-capacitor filter clock frequency to 288 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com