Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC32046MFKB Datasheet(PDF) 17 Page - Texas Instruments

Part # TLC32046MFKB
Description  Wide-Band Analog Interface Circuit
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC32046MFKB Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLC32046MFKB Datasheet HTML 13Page - Texas Instruments TLC32046MFKB Datasheet HTML 14Page - Texas Instruments TLC32046MFKB Datasheet HTML 15Page - Texas Instruments TLC32046MFKB Datasheet HTML 16Page - Texas Instruments TLC32046MFKB Datasheet HTML 17Page - Texas Instruments TLC32046MFKB Datasheet HTML 18Page - Texas Instruments TLC32046MFKB Datasheet HTML 19Page - Texas Instruments TLC32046MFKB Datasheet HTML 20Page - Texas Instruments TLC32046MFKB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
2–3
See Table 2-3
See Table 2-3
See Table 2-3
See Table 2-3
7.20 kHz for RB = 40
8.00 kHz for RB = 36
9.60 kHz for RB = 30
14.4 kHz for RB = 20
16.0 kHz for RB = 18
19.2 kHz for RB = 15
7.20 kHz for TB = 40
8.00 kHz for TB = 36
9.60 kHz for TB = 30
14.4 kHz for TB = 20
16.0 kHz for TB = 18
19.2 kHz for TB = 15
Divide By 2
XTAL
OSC
20.736 MHZ
41.472 MHZ
TA Register
(5 Bits)
Divide By 2
576 kHz
TB Register
(6 Bits)
RA Register
(5 Bits)
576 kHz
Divide By 4
1.296 MHz
2.592 MHz
5.184 MHz
10.368 MHz
MASTER CLOCK
TMS320 DSP
SHIFT CLOCK
TA
′ REGISTER
(6 Bits)
2s-Complement TA
Adder/Subtractor
D1 D0 SELECT
0
0
1
1
0
1
0
1
TA
TA + TA
′
TA – TA
′
TA
See Table 2-2
TX (A) Counter
(6 Bits)
TX (B) Counter
288 kHz
SCF CLOCK
Low-Pass Filter,
(sin x)/x Filter
D/A Conversion
Frequency
See Table 2-3
RA
′ Register
(6 Bits)
2s-Complement RA
See Table 2-3
Adder/Subtractor
RX (A) Counter
(6 Bits)
D1 D0 SELECT
0
0
1
1
0
1
0
1
RA
RA + RA
′
RA – RA
′
RA
See Table 2-2
RB Register
(6 Bits)
RX (B) Counter
High-Pass Filter,
A/D Conversion
Frequency
288 kHz
Low-Pass Filter
SCF CLOCK
9
18
9
18
Transmit Section
D/A Conversion
Timing
Receive Section
A/D Conversion
Timing
†
†
† These control bits are described in the DX Serial Data Word Format section.
NOTES: A. Tables 2–2 and 2–3 are primary and secondary communication protocols, respectively.
B. In synchronous operation, RA, RA’, RB, RX(A), and RX(B) are not used. TA, TA’, TB, TX(A), and TX(B) are
used instead.
C. Items in italics refer only to frequencies and register contents, which are variable. A crystal oscillator driving
20.736 MHz into the TMS320-series DSP provides a master clock frequency of 5.184 MHz. The TLC32046
produces a shift clock frequency of 1.296 MHz. If the TX(A) register contents equal 9, the SCF clock
frequency is 288 kHz, and the D/A conversion frequency is 288 kHz
÷ T(B).
Figure 2–1. Asynchronous Internal Timing Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com