Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC32046MFKB Datasheet(PDF) 41 Page - Texas Instruments

Part # TLC32046MFKB
Description  Wide-Band Analog Interface Circuit
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC32046MFKB Datasheet(HTML) 41 Page - Texas Instruments

Back Button TLC32046MFKB Datasheet HTML 37Page - Texas Instruments TLC32046MFKB Datasheet HTML 38Page - Texas Instruments TLC32046MFKB Datasheet HTML 39Page - Texas Instruments TLC32046MFKB Datasheet HTML 40Page - Texas Instruments TLC32046MFKB Datasheet HTML 41Page - Texas Instruments TLC32046MFKB Datasheet HTML 42Page - Texas Instruments TLC32046MFKB Datasheet HTML 43Page - Texas Instruments TLC32046MFKB Datasheet HTML 44Page - Texas Instruments TLC32046MFKB Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
SHIFT
CLK
FSR,
FSX
EODR,
EODX
DR
DX
td (CH-FL)
2 V
t f (SCLK)
t r (SCLK)
2 V
td (CH-FH)
2 V
td (CH-FL)
2 V
2 V
td (CH-FH)
tc (SCLK)
2 V
8 V
2 V
2 V
td (CH-DR)
8 V
D15
D14
D13
D9
D8
D7
D6
D2
D1
D0
D12
D11
D8
Don’t Care
D13
D9
D15
D14
D0
D2
D1
tsu (DX)
th (DX)
td (CH-EL)
8 V
2 V
The time between falling edges of FSR is the A/D conversion period, and the time between fallling edges of FSX is the D/A conversion period.
In the byte mode, when EODX or EODR is high, the first byte is transmitted or received, and when these signals are low, the second byte is
transmitted or received. Each byte-cycle is 12 shift-clocks long, allowing for a four-shift-clock setup time between byte transmissions.
†
Figure 4–4. Byte-Mode Timing
‡
td (CH-EH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com