Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9708 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # STAC9708
Description  Multi-Channel AC97 Codec With Multi-Codec Option
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STAC9708 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button STAC9708 Datasheet HTML 17Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 18Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 19Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 20Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 21Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 22Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 23Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 24Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
SigmaTel, Inc.
Preliminary
STAC9708/11
21
10/02/98
3.1.2.2 Slot 2: Status Data Port
The status data port delivers 16-bit control register read data.
Bit (19:4)
Control Register Read Data
(Stuffed with 0's if tagged "invalid")
Bit (3 :0)
RESERVED
(Stuffed with 0's)
If Slot 2 is tagged "invalid" by STAC9708/11, then the entire slot will be stuffed with 0's.
3.1.2.3 Slot 3: PCM Record Left Channel
Audio input frame slot 3 is the left channel output of STAC9708/11 input MUX, post-ADC.
STAC9708/11 ADCs are implemented to support 18-bit resolution.
STAC9708/11 outputs its ADC data (MSB first), and stuffs any trailing non-valid bit
positions with 0's to fill out its 20-bit time slot.
3.1.2.4 Slot 4: PCM Record Right Channel
Audio input frame slot 4 is the right channel output of STAC9708/11 input MUX, post-ADC.
STAC9708/11 outputs its ADC data (MSB first), and stuffs any trailing non-valid bit
positions with 0's to fill out its 20-bit time slot.
3.1.2.5 Slots 5-12: Reserved
Audio input frame slots 5-12 are not used by the STAC97908/11 and are always stuffed with
0's.
3.2 AC-Link Low Power Mode
The STAC9708/11 AC-Link can be placed in the low power mode by programming register 26h to the
appropriate value. Both BIT_CLK and SDATA_IN will be brought to, and held at a logic low voltage
level. The AC'97 controller can wake up the STAC9708/11 by providing the appropriate reset signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com