Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9708 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # STAC9708
Description  Multi-Channel AC97 Codec With Multi-Codec Option
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STAC9708 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button STAC9708 Datasheet HTML 2Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 3Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 4Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 5Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 6Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 7Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 8Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 9Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
SigmaTel, Inc
Preliminary
STAC9708/11
6
10/02/98
Figure 1. Package Outline
SigmaTel
STAC9708/11
48 pin TQFP
a
D1
D
e
E1
E
38
26
14
2
Table 1. Package Dimensions
KEY
9708/11 DIMENSION
TQFP
D
9.00 mm
D1
7.00 mm
E
9.00 mm
E1
7.00 mm
a (lead width)
0.20 mm
e (pitch)
0.50 mm
thickness
1.4 mm
Table 2. Pin Designation
PIN
#
SIGNAL
NAME
PI
N #
SIGNAL
NAME
PIN
#
SIGNAL
NAME
PIN
#
SIGNAL
NAME
1
DVdd1
13
PHONE
25
AVdd1
37
MONO_OUT
2
XTL_IN
14
AUX_L
26
AVss1
38
AVdd2
3
XTL_OUT
15
AUX_R
27
Vref
39
DAC_OUT_L
4
DVss1
16
VIDEO_L
28
Vrefout
40
NC
5
SDATA_OUT
17
VIDEO_R
29
AFILT1
41
DAC_OUT_R
6
BIT_CLK
18
CD_L
30
AFILT2
42
AVss2
7
DVss2
19
CD_GND
31
CAP1
43
NC
8
SDATA_IN
20
CD_R
32
CAP2
44
NC
9
DVdd2
21
MIC1
33
CAP3
45
CID0
10
SYNC
22
MIC2
34
APOP
46
CID1
11
RESET#
23
LINE_IN_L
35
LINE_OUT_L
47
EAPD
12
PC_BEEP
24
LINE_IN_R
36
LINE_OUT_R
48
NC
# denotes active low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com