Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9708 Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # STAC9708
Description  Multi-Channel AC97 Codec With Multi-Codec Option
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STAC9708 Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button STAC9708 Datasheet HTML 33Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 34Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 35Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 36Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 37Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 38Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 39Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 40Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
SigmaTel, Inc.
Preliminary
STAC9708/11
37
10/02/98
AC'97 Digital Controller must invalidate the tag bits for Slot 1 and 2 Command Address and Data (Slot 0, bits 14
and 13) and place a non-zero value (01, 10, or 11) into the Codec ID field (Slot 0, bits 1 and 0).
As a Secondary Codec, the STAC9708/11 will disregard the Command Address and Command Data (Slot 0, bits
14 and 13) tag bits when it sees a 2-bit Codec ID value (Slot 0, bits 1 and 0) that matches its configuration. In a
sense the Secondary Codec ID field functions as an alternative Valid Command Address (for Secondary reads and
writes) and Command Data (for Secondary writes) tag indicator.
Secondary Codecs must monitor the Frame Valid bit, and ignore the frame (regardless of the state of the
Secondary Codec ID bits) if it is not valid. AC'97 Digital Controllers should set the frame valid bit for a frame
with a secondary register access, even if no other bits in the output tag slot except the Secondary Codec ID bits
are set.
This method is designed to be backward compatible with existing AC'97 controllers and Codecs. There is no
change to output Slot 1 or 2 definitions.
Table 22. Secondary Codec Register Access Slot 0 Bit Definitions
Output Tag Slot (16-bits)
Bit
Description
15
Frame Valid
14
Slot 1 Valid Command Address bit
(†Primary Codec only)
13
Slot 2 Valid Command Data bit
(†Primary Codec only)
12-3
Slot 3-12 Valid bits as defined by AC'97
2
Reserved
(Set to “0”)
†1-0
2-bit Codec ID field
(00 reserved for Primary; 01, 10, 11 indicate Secondary)
† New definitions for Secondary Codec Register Access
7. TESTABILITY
The STAC9708/11 has two test modes. One is for ATE in-circuit test and the other is restricted for SigmaTel’s
internal use. STAC9708/11 enters the ATE in circuit test mode if SDATA_OUT is sampled high at the trailing
edge of RESET#.
Once in the ATE test mode, the digital AC-Link outputs (BIT_CLK and SDATA_IN) are
driven to a high impedance state. This allows ATE in-circuit testing of the AC'97 controller. This case will
never occur during standard operating conditions. Once either of the two test modes have been entered, the
STAC9704/7 must be issued another rest with all AC-link signals held low to return to the normal operating
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com