Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9708 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # STAC9708
Description  Multi-Channel AC97 Codec With Multi-Codec Option
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STAC9708 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button STAC9708 Datasheet HTML 25Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 26Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 27Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 28Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 29Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 30Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 31Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 32Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
SigmaTel, Inc.
Preliminary
STAC9708/11
29
10/02/98
Table 12, 13. Record Select Control Registers
SR2…SR0
RIGHT RECORD SOURCE
0
Mic
1
CD In (right)
2
Video In (right)
3
Aux In (right)
4
Line In (right)
5
Stereo Mix (right)
6
Mono Mix
7
Phone
SL2…SL0
LEFT RECORD SOURCE
0
Mic
1
CD In (L)
2
Video In (L)
3
Aux In (L)
4
Line In (L)
5
Stereo Mix (L)
6
Mono Mix
7
Phone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com