Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9708 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # STAC9708
Description  Multi-Channel AC97 Codec With Multi-Codec Option
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STAC9708 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button STAC9708 Datasheet HTML 24Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 25Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 26Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 27Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 28Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 29Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 30Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 31Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
SigmaTel, Inc.
Preliminary
STAC9708/11
28
10/02/98
Table 10. PC_BEEP Register
MUTE
PV3…PV0
FUNCTION
0
0000
0 dB Attenuation
0
1111
45 dB Attenuation
1
xxxx
∞ dB Attenuation
4.4.4 Analog Mixer Input Gain Registers (Index 0Ch - 18h, 04h)
These registers control the gain/attenuation for each of the analog inputs. Each step corresponds to
approximately 1.5 dB. The MSB of the register is the mute bit. When this bit is set to 1 the level for
that channel is set at -
∞ dB. Register 0Eh (Mic Volume Register) has an extra bit that is for a 20dB
boost. When bit 6 is set to 1, the 20 dB boost is on. The default value is 8008, which corresponds to 0
dB gain with mute on. The default value for the mono registers is 8008h, which corresponds to 0dB
gain with mute on. The default value for stereo registers is 8808h, which corresponds to 0 dB gain with
mute on.
Table 11. Analog Mixer Input Gain Register
MUTE
Gx4…Gx0
FUNCTION
0
00000
+12 dB gain
0
01000
0 dB gain
0
11111
-34.5 dB gain
1
xxxxx
-
∞ dB gain
4.4.5 Record Select Control Register (Index 1Ah)
Used to select the record source independently for right and left. The default value is 0000h, which
corresponds to Mic in.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com