Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9708 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # STAC9708
Description  Multi-Channel AC97 Codec With Multi-Codec Option
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STAC9708 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button STAC9708 Datasheet HTML 29Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 30Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 31Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 32Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 33Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 34Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 35Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 36Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
SigmaTel, Inc.
Preliminary
STAC9708/11
33
10/02/98
4.4.10.1
External Amplifier Power Down Control
The EAPD bit 15 of the Powerdown Control/Status Register (Index 26h) directly controls the output of
the EAPD output, pin 45, and produces a logical “1” when this bit is set to logic high. This function is
used to control an external audio amplifier power down. EAPD = 0 places approximately 0V on the
output pin, enabling an external audio amplifier. EAPD = 1 places approximately DVdd on the output
pin, disabling the external audio amplifier. Audio amplifiers that operate with reverse polarity will
likely require an external inverter to maintain software driver compatibility.
4.4.11 Extended Audio ID Register (Index 28)
The Extended Audio ID register is a read only register used to communicate information to the digital
controller on two functions. ID1 and ID0 echo the configuration of the codec as defined by the
programming of pins 47 and 48 externally. “00” returned defines the codec as the primary codec, while
any other code identifies the codec as one of three secondary codec possibilities. SDAC=1 tells the
controller that the STAC9708 is a multi-channel codec as defined by the Intel spec.
4.4.12 Extended Audio Status Register (Index 2Ah)
The Extended Audio Status Control register contains two active bits for powerdown and status of the
surround DACs. PWD is a read/write bit which is used to powerdown the surround DACs, and SDAC a
read only bit to tell the controller when the surround DACs are ready to receive data.
4.4.13 Analog Special Register (Index 6Ch)
The Analog Special Register has two read/write bits used to control two functions specific to the
STAC9708. DAC –6dB is used to program the DAC outputs to a –6dB signal level relative to the value
of gain already programmed. Similarly, ADC –6dB attenuates any signal input to the ADC by 6dB. This
second function is very useful in applications with greater than 1Vrms input levels, as is the case with
many CDROMs.
4.4.14 Vendor ID1 and ID2 (Index 7Ch and 7Eh)
These two registers contain four 8-bit ID codes. The first three codes have been assigned by Microsoft
using their Plug and Play Vendor ID methodology. The fourth code is a SigmaTel, Inc. assigned code
identifying the STAC9708/11. The ID1 register (index 7Ch) contains the value 8384h, which is the
first (83h) and second (84h) characters of the Microsoft
®
ID code.
The ID2 register (index 7Eh)
contains the value 7608h, which is the third (76h) of the Microsoft
®
ID code, and 08h which is the
STAC9708/11 ID code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com