Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9708 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # STAC9708
Description  Multi-Channel AC97 Codec With Multi-Codec Option
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STAC9708 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button STAC9708 Datasheet HTML 10Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 11Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 12Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 13Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 14Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 15Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 16Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 17Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
SigmaTel, Inc.
Preliminary
STAC9708/11
14
10/02/98
3. DIGITAL INTERFACE
3.1 AC-Link Digital Serial Interface Protocol
The STAC9708/11 communicates to the AC'97 controller via a 5-pin digital serial AC-Link interface,
which is a bi-directional, fixed rate, serial PCM digital stream. All digital audio streams, commands
and status information are communicated over this point-to-point serial interconnect. The AC-Link
handles multiple inputs, and output audio streams, as well as control register accesses using a time
division multiplexed (TDM) scheme. The AC'97 controller synchronizes all AC-Link data transaction.
The following data streams are available on the STAC9708/11:
•
PCM Playback
4 output slots
4 Channel composite PCM output stream
•
PCM Record data
2 input slots
2 Channel composite PCM input stream
•
Control
2 output slots
Control register write port
•
Status
2 input slots
Control register read port
Synchronization of all AC-Link data transactions is handled by the AC'97 controller.
The
STAC9708/11 drives the serial bit clock onto AC-Link. The AC'97 controller then qualifies with a
synchronization signal to construct audio frames.
SYNC, fixed at 48 kHz, is derived by dividing down the serial bit clock (BIT_CLK). BIT_CLK, fixed
at 12.288 MHz, provides the necessary clocking granularity to support 12, 20-bit outgoing and incoming
time slots. AC-Link serial data is transitioned on each rising edge of BIT_CLK. The receiver of AC-
Link data, STAC9708/11 for outgoing data and AC'97 controller for incoming data, samples each serial
bit on the falling edges of BIT_CLK.
The AC-Link protocol provides for a special 16-bit (13-bits defined, with 3 reserved trailing bit
positions) time slot (Slot 0) wherein each bit conveys a valid tag for its corresponding time slot within
the current audio frame. A “1” in a given bit position of slot 0 indicates that the corresponding time
slot within the current audio frame has been assigned to a data stream, and contains valid data. If a slot
is “tagged” invalid, it is the responsibility of the source of the data, (STAC9708/11 for the input
stream, AC'97 controller for the output stream), to stuff all bit positions with 0’s during that slot’s
active time.
SYNC remains high for a total duration of 16 BIT_CLKs at the beginning of each audio frame. The
portion of the audio frame where SYNC is high is defined as the “Tag Phase”. The remainder of the
audio frame where SYNC is low is defined as the “Data Phase”.
Additionally, for power savings, all clock, sync, and data signals can be halted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com