Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9708 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # STAC9708
Description  Multi-Channel AC97 Codec With Multi-Codec Option
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STAC9708 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button STAC9708 Datasheet HTML 15Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 16Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 17Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 18Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 19Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 20Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 21Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 22Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
SigmaTel, Inc.
Preliminary
STAC9708/11
19
10/02/98
3.1.1.12 Slot 12: Reserved
Audio output frame slot 12 is reserved for modem operations and is not used by the
STAC9708/11.
3.1.2 AC-Link Audio Input Frame (SDATA_IN)
The audio input frame data streams correspond to the multiplexed bundles of all digital input data
targeting the AC'97 controller. As is the case for audio output frame, each AC-Link audio input frame
consists of 12, 20-bit time slots. Slot 0 is a special reserved time slot containing 16 bits that are used for
AC-Link protocol infrastructure.
Within slot 0 the first bit is a global bit (SDATA_IN slot 0, bit 15) which flags whether the
STAC9708/11 is in the "Codec Ready" state or not. If the “Codec Ready” bit is a 0, this indicates that
STAC9708/11 is not ready for normal operation. This condition is normal following the de-assertion of
power on reset, for example, while STAC9708/11’s voltage references settle. When the AC-Link
"Codec Ready" indicator bit is a 1, it indicates that the AC-Link and STAC9708/11 control/status
registers are in a fully operational state. The AC'97 controller must further probe the Powerdown
Control Status Register (refer to Mixer Register section) to determine exactly which subsections, if any,
are ready.
Prior to any attempts at putting STAC9708/11 into operation the AC'97 controller should poll the first
bit in the audio input frame (SDATA_IN slot 0, bit 15) for an indication that STAC9708/11 has become
"Codec Ready". Once the STAC9708/11 is sampled "Codec Ready", the next 12 bit positions sampled
by the AC'97 controller indicate which of the corresponding 12 time slots are assigned to input data
streams, and that they contain valid data. The following diagram illustrates the time slot based AC-Link
protocol.
Figure 8. STAC9708/11 Audio Input Frame
SYNC
BIT_CLK
SDATA_IN
valid
Frame
slot1
slot2
End of previous audio frame
slot(12) "0"
"0"
"0"
19
"0"
"0"
"0"
19
19
19
"0"
Data Phase
20.8 uS (48 kHZ)
Tag Phase
12.288 MHz
Time Slot "Valid" Bits
Slot 1
Slot 2
Slot 3
Slot 12
("1" = time slot contains valid PCM data)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com