Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9708 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # STAC9708
Description  Multi-Channel AC97 Codec With Multi-Codec Option
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STAC9708 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button STAC9708 Datasheet HTML 27Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 28Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 29Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 30Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 31Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 32Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 33Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 34Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
SigmaTel, Inc.
Preliminary
STAC9708/11
31
10/02/98
for independent control of the stereo enhancement between LINE_OUT and DAC_OUT. SS3D provides
for a wider soundstage extending beyond the normal 2-speaker arrangement. Note that the 3D bit in the
general purpose register (20h) must be set to 1 to enable SS3D functionality and for the bits in 22h to
take effect.
Table 16, 17. 3D Control Registers
DP1, DP0
LINE_OUT
SEPARATION
RATIO
0 0
0 (Off)
0 1
3 (Low)
1 0
4.5 (Med)
1 1
6 (High)
DPR1, DPR0
DAC_OUT
SEPARATION
RATIO
0 0
0 (Off)
0 1
3 (Low)
1 0
4.5 (Med)
1 1
6 (High)
The three separation ratios are implemented as shown above. The separation ratio defines a series of
equations that determine the amount of depth difference (High, Medium, and Low) perceived during
two-channel playback. The ratios provide for options to narrow or widen the soundstage.
4.4.9
Multi-Channel Programming Register (Index 74h)
This read/write register is used to program the various options for multi-channel configurations. Only
the two LSBs are used (MC0 and MC1), and they define which AC-Link slot data is supplied to the
four audio DACs on the STAC9708/11. PCM2 in the table below is the surround stereo DAC, which
drives the DAC_OUT pins. The purpose of using slot 10 and 11 in the final configuration is to allow the
possibility of an eight channel architecture using two STAC9708 devices in the multi-codec
configuration. Also see “Multiple Codec Support” discussion for information on the use of external pins
CID1 and CID0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com