Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9708 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # STAC9708
Description  Multi-Channel AC97 Codec With Multi-Codec Option
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STAC9708 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button STAC9708 Datasheet HTML 23Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 24Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 25Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 26Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 27Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 28Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 29Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 30Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
SigmaTel, Inc.
Preliminary
STAC9708/11
27
10/02/98
4.4.1 Reset Register (Index 00h)
Writing any value to this register performs a register reset, which causes all registers to revert to their
default values. Reading this register returns the ID code of the part.
4.4.2 Play Master Volume Registers (Index 02h, 38h, and 06h)
These registers manage the output signal volumes. Register 02h controls the stereo LINE_OUT master
volume (both right and left channels), register 04h controls the surround stereo DAC_OUT volume, and
register 06h controls the mono volume output. Each step corresponds to 1.5 dB. The MSB of the
register is the mute bit. When this bit is set to 1 the level for that channel is set at -
∞ dB. ML5
through ML0 is for left channel level, MR5 through MR0 is for the right channel and MM5 through
MM0 is for the mono out channel.
The default value is 8000h for registers 02h and 06h(8080h for register 38h), which corresponds to 0
dB attenuation with mute on.
Table 9. Play Master Volume Register
MUTE
Mx5…Mx0
FUNCTION
RANGE
0
00 0000
0dB Attenuation
Req.
0
01 1111
46.5 Attenuation
Req.
1
xx xxxx
∞ dB Attenuation
Req.
4.4.3 PC Beep Register (Index 0Ah)
This register controls the level for the PC Beep input. Each step corresponds to approximately 3 dB of
attenuation. The MSB of the register is the mute bit.
When this bit is set to 1 the level for that
channel is set at -
∞ dB. PC_BEEP supports motherboard implementations. The intention of routing
PC_BEEP through the STAC9708/11 mixer is to eliminate the requirement for an onboard speaker by
guaranteeing a connection to speakers connected via the output jack. In order for this to be viable the
PC_BEEP signal needs to reach the output jack at all times. NOTE: the PC_BEEP is recommended to
be routed to L & R Line outputs even when the STAC9708/11 is in a RESET state. This is so that
Power On Self Test (POST) codes can be heard by the user in case of a hardware problem with the PC.
For further PC_BEEP implementation details please refer to the AC'97 Technical FAQ sheet. The
default value can be 0000h or 8000h, which corresponds to 0 dB attenuation with mute off or on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com