Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9708 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # STAC9708
Description  Multi-Channel AC97 Codec With Multi-Codec Option
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STAC9708 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  STAC9708 Datasheet HTML 1Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 2Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 3Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 4Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 5Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 6Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 7Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 8Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
SigmaTel, Inc
Preliminary
STAC9708/11
5
10/02/98
Table of Contents – Tables
Table 1 – Package Dimensions
6
Table 2 – Pin Designation
6
Table 3 – Digital Signal List
9
Table 4 – Analog Signal List
10
Table 5 – Filtering and Voltage References
11
Table 6 – 9708/11 Power Signal List
11
Table 7 –Mixer Functional Connections
24
Table 8 – Programming Registers
25
Table 9 – Play Master Volume Register
26
Table 10 – PC Beep Register
27
Table 11 – Analog Mixer Input Gain Register
27
Table 12, 13 – Record Select Control Registers
28
Table 14 – Record Gain Registers
29
Table 15 – General Purpose Registers
29
Table 16, 17 – 3D Control Registers
30
Table 18– Multi-Channel Programming
Register
31
Table 19 – Powerdown Status Registers
31
Table 20 – Low Power Modes
32
Table 21 - Codec ID Selection
36
Table 22 - Secondary Codec Register Access
Slot 0 Bit Definitions
37
Table 23 – Cold Reset
36
Table 24 – Warm Reset
36
Table 25 – Clocks
37
Table 26 – Data Setup and Hold
38
Table 27 – Signal Rise and Fall Times
39
Table 28 – AC-Link Low Power Mode Timing
40
Table 29 – ATE Test Mode
40
Table 30 – Operating Conditions
44
Table 28 – Power Consumption
45
Table 29 – AC-Link Static Specifications
45
Table 30 – 9708 Analog Performance
Characteristics
46
Table 31 – 9711 Analog Performance
Characteristics
48
Table of Contents – Figures
Figure 1 – Package Outline
6
Figure 2 – STAC9708 Block Diagram
7
Figure 3 – Connection Diagram
8
Figure 4 – STAC9708 AC-Link
12
Figure 5 – AC'97 Standard Bi-directional
15
Figure 6 – AC-Link Audio Output Frame
15
Figure 7 – Start of an Audio Output Frame
16
Figure 8 – STAC9708 Audio Input Frame
19
Figure 9 – Start of an Audio Input Frame
20
Figure 10 – STAC9708 Powerdown Timing
22
Figure 11 – STAC9708 Mixer Functional Diagram
23
Figure 12 – Example of STAC9708 Powerdown/
Powerup flow
35
Figure 13 – STAC9708 Powerdown/Powerup
with analog still alive
35
Figure 14 – Cold Reset
38
Figure 15 – Warm Reset
39
Figure 16 – Clocks
39
Figure 17 – Data Setup and Hold
40
Figure 18 – Signal Rise and Fall Times
41
Figure 19 – AC-Link Low Power Mode Timing
42
Figure 20 – ATE Test Mode
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com