Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9708 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # STAC9708
Description  Multi-Channel AC97 Codec With Multi-Codec Option
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STAC9708 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button STAC9708 Datasheet HTML 11Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 12Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 13Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 14Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 15Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 16Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 17Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 18Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
SigmaTel, Inc.
Preliminary
STAC9708/11
15
10/02/98
Figure 5. AC'97 Standard Bi-directional Audio Frame
3.1.1 AC-Link Audio Output Frame (SDATA_OUT)
The audio output frame data streams correspond to the multiplexed bundles of all digital output data
targeting the STAC9708/11 DAC inputs, and control registers. Each audio output frame supports up to
12 20-bit outgoing data time slots. Slot 0 is a special reserved time slot containing 16 bits that are used
for AC-Link protocol infrastructure.
Within slot 0, the first bit is a global bit (SDATA_OUT slot 0, bit 15) which flags the validity for the
entire audio frame. If the “Valid Frame” bit is a 1, this indicates that the current audio frame contains
at least one slot time of valid data. The next 12 bit positions sampled by the STAC9708/11 indicate
which of the corresponding 12 times slots contain valid data. In this way data streams of differing
sample rates can be transmitted across AC-Link at its fixed 48kHz audio frame rate. The following
diagram illustrates the time slot based AC-Link protocol.
Figure 6. AC-Link Audio Output Frame
SYNC
BIT_CLK
SDATA_OUT
valid
Frame
slot1
slot2
End of previous audio frame
slot(12) "0"
19
"0"
"0"
"0"
19
19
19
"0"
Data Phase
20.8 uS (48 kHZ)
Tag Phase
12.288 MHz
Time Slot "Valid" Bits
Slot 1
Slot 2
Slot 3
Slot 12
("1" = time slot contains valid PCM data)
CID1
CID0
A new audio output frame begins with a low to high transition of SYNC. SYNC is synchronous to the
rising edge of BIT_CLK. On the immediately following falling edge of BIT_CLK, the STAC9708/11
samples the assertion of SYNC. This following edge marks the time when both sides of AC-Link are
aware of the start of a new audio frame. On the next rising edge of BIT_CLK, the AC'97 controller
transitions SDATA_OUT into the first bit position of slot 0 (Valid Frame bit). Each new bit position is
presented to AC-Link on a rising edge of BIT_CLK, and subsequently sampled by the STAC9708/11 on
OUTGOING STREAMS
INCOMING STREAMS
SYNC
TAG PHASE
TAG
CMD
ADR
CMD
DATA
PCM
LEFT
PCM
RT
NA
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
NA
NA
PCM
LEFT
PCM
RT
STATUS
DATA
STATUS
ADR
TAG
DATA PHASE
PCM
CTR
PCM
LSURR
PCM
RSURR
PCM
LFE
PCM
LALT
PCM
RALT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com