Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9708 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # STAC9708
Description  Multi-Channel AC97 Codec With Multi-Codec Option
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STAC9708 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button STAC9708 Datasheet HTML 8Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 9Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 10Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 11Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 12Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 13Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 14Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 15Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
SigmaTel, Inc.
Preliminary
STAC9708/11
12
10/02/98
1.4 Power and Ground Signals
Table 6. Power Signal List STAC9708/11
SIGNAL NAME
TYPE
STAC9708
STAC9711
AVdd1
I
Analog Vdd = 5.0V
Analog Vdd = 3.3V
AVdd2
I
Analog Vdd = 5.0V
Analog Vdd = 3.3V
AVss1
I
Analog Gnd
Analog Gnd
AVss2
I
Analog Gnd
Analog Gnd
DVdd1
I
Digital Vdd = 5.0V or 3.3V
Digital Vdd = 3.3V
DVdd2
I
Digital Vdd = 5.0V or 3.3V
Digital Vdd = 3.3V
DVss1
I
Digital Gnd
Digital Gnd
DVss2
I
Digital Gnd
Digital Gnd
2. AC-LINK
Below is the figure of the AC-Link point to point serial interconnect between the STAC9708/11 and its
companion controller.
All digital audio streams and command/status information are communicated over this
AC-Link. Please refer to the “Digital Interface” section 3 for details.
Figure 4. STAC9708/11’s AC-Link to its companion controller
SYNC
BIT_CLK
SDATA_OUT
SDATA_IN
RESET
Digital
DC’97
Controller
STAC9708/11
XTAL_IN
XTAL_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com