Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9708 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # STAC9708
Description  Multi-Channel AC97 Codec With Multi-Codec Option
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STAC9708 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button STAC9708 Datasheet HTML 42Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 43Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 44Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 45Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 46Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 47Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 48Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 49Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
SigmaTel, Inc.
Preliminary
STAC9708/11
46
10/02/98
10.3 Power Consumption
Table 31. Power Consumption
PARAMETER
MIN
TYP
MAX
UNITS
Digital Supply Current
+ 5V Digital
+ 3.3V Digital
55
35
mA
mA
Analog Supply Current
+ 5V Analog
80
mA
+ 3.3V Analog
70
mA
Power Down Status
PR0
+5V Analog Supply Current
PR1
+5V Analog Supply Current
PRJ
+5V Analog Supply Current
PR2
+5V Analog Supply Current
PR3
+5V Analog Supply Current
PR4
+3.3V Digital Supply Current
PR4
+5V Digital Supply Current
PR5
No effect
68
54
40
30
0.1
0.1
0.1
mA
mA
mA
mA
mA
mA
mA
10.4 AC-Link Static Digital Specifications (Tambient = 25 oC, DVdd = 5.0V or 3.3V ± 5%,
AVss=DVss=0V; 50pF external load)
Table 32. AC-Link Static Specifications
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Input Voltage Range
Vin
-0.30
DVdd + 0.30
V
Low level input range
Vil
-
-
0.30xDVdd
V
High level input voltage
Vih
0.40xDVdd
-
-
V
High level output voltage
Voh
0.50xDVdd
-
-
V
Low level output voltage
Vol
-
-
0.2xDVdd
V
Input Leakage Current (AC-Link inputs)
-
-10
-
10
uA
Output Leakage Current (Hi-Z’d AC-Link outputs)
-
-10
-
10
uA
Output buffer drive current
-
-
4
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com