Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9708 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # STAC9708
Description  Multi-Channel AC97 Codec With Multi-Codec Option
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STAC9708 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  STAC9708 Datasheet HTML 1Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 2Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 3Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 4Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 5Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 6Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 7Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 8Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
1
10/02/98
PRELIMINARY
SigmaTel, Inc.
Integrating Mixed-Signal Solutions
STAC9708/11
Multi-Channel AC'97 Codec
With Multi-Codec Option
GENERAL DESCRIPTION:
SigmaTel’s STAC9708/11 is a general purpose 18-bit, full duplex, audio codec that conforms to the analog
component specification of AC'97 (Audio Codec 97 Component Specification Rev. 2.1). The STAC9708/11
incorporates SigmaTel’s proprietary Sigma-Delta technology to achieve a DAC SNR in excess of 95dB. The
DACs, ADCs, and mixer are integrated with analog I/Os, which include four analog line-level stereo inputs, two
analog line-level mono inputs, two stereo outputs, and one mono output channel.
Also included are two
additional high quality DACs, with independent volume control, for multi-channel applications.
With
SigmaTel’s 3D stereo enhancement (SS3D), independently selectable on both LINE OUT and DAC OUT, the
multi-channel mode immerses the user in a richer and livelier listening experience. The STAC9708/11 may be
used as a secondary codec, with the STAC9704/07 as the primary, in a multiple codec configuration conforming
to the AC'97 Rev. 2.1 specification. This configuration can provide true six-channel, AC-3 playback required for
DVD applications. The STAC9708/11 communicates via the five-wire AC-Link to any digital component of
AC'97 providing flexibility in the audio system design.
Packaged in an AC'97 compliant 48-pin TQFP, the
STAC9708/11 can be placed on the motherboard, daughter boards, add-on cards or PCMCIA cards.
FEATURES:
•
High performance
ΣΣ∆∆ technology
•
Two additional high quality DAC’s
for multi-channel applications
•
18-bit full duplex stereo ADC, DACs
•
AC-Link protocol compliance
•
Multiple power supply options
•
Pin compatible with the STAC9704/07
•
SigmaTel
Surround
(SS3D)
Stereo
Enhancement
•
Energy saving power down modes
•
Multi-Codec option (Intel AC'97 rev 2.1)
•
Six analog line-level inputs
•
48-pin TQFP
•
SNR > 95 dB through Mixer and DAC


Similar Part No. - STAC9708

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
STAC9704 HYNIX-STAC9704 Datasheet
218Kb / 49P
Multimedia Audio Codec for AC97
STAC9704T HYNIX-STAC9704T Datasheet
218Kb / 49P
Multimedia Audio Codec for AC97
STAC9707 HYNIX-STAC9707 Datasheet
218Kb / 49P
Multimedia Audio Codec for AC97
STAC9707T HYNIX-STAC9707T Datasheet
218Kb / 49P
Multimedia Audio Codec for AC97
More results

Similar Description - STAC9708

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UCB1510 PHILIPS-UCB1510 Datasheet
730Kb / 32P
AC97 digital modem codec
Rev. 01 - 4 February 2000
logo
Winbond
W83971D WINBOND-W83971D Datasheet
494Kb / 58P
AC97 AUDIO CODEC
logo
Asahi Kasei Microsystem...
AK4586 AKM-AK4586 Datasheet
586Kb / 54P
MULTI CHANNEL AUDIO CODEC WITH DIR
logo
YAMAHA CORPORATION
YMF752 YAMAHA-YMF752 Datasheet
105Kb / 14P
AC97 Rev2.1 Audio CODEC with SRC
logo
List of Unclassifed Man...
AV2188 ETC-AV2188 Datasheet
198Kb / 20P
Multi-Channel Audio CODEC
STAC9721 ETC1-STAC9721 Datasheet
394Kb / 48P
Stereo AC 97 Codec With Multi-Codec Option
logo
Asahi Kasei Microsystem...
AKD4626A-B AKM-AKD4626A-B Datasheet
467Kb / 44P
Multi-channel Audio CODEC.
logo
List of Unclassifed Man...
VT1616 ETC2-VT1616 Datasheet
497Kb / 40P
6-Channel AC97 Codec with S/PDIF
logo
Analog Devices
AD1819B AD-AD1819B_15 Datasheet
249Kb / 28P
AC97 SoundPort Codec
REV. 0
logo
Realtek Semiconductor C...
ALC5640 REALTEK-ALC5640 Datasheet
1Mb / 150P
Multi-Channel Audio Hub/CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com