Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9708 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # STAC9708
Description  Multi-Channel AC97 Codec With Multi-Codec Option
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STAC9708 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button STAC9708 Datasheet HTML 22Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 23Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 24Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 25Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 26Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 27Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 28Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 29Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
SigmaTel, Inc.
Preliminary
STAC9708/11
26
10/02/98
4.4 Programming Registers:
Table 8. Programming Registers
REG #
NAME
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
DE
FAULT
00h
Reset
X
SE4
SE3
SE2
SE1
SE0
ID9
ID8
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
6940h
02h
Master Volume
Mute
X
X
ML4
ML3
ML2
ML1
ML0
X
X
X
MR4
MR3
MR2
MR1
MR0
8000h
04h
Surround DAC
Mixer Volume
Mute
X
X
GL4
GL3
GL2
GL1
GL0
X
X
X
GR4
GR3
GR2
GR1
GR0
8808h
06h
Master Volume
Mono
Mute
X
X
X
X
X
X
X
X
X
X
MM4
MM3
MM2
MM1
MM0
8000h
0Ah PC_BEEP Volume Mute
X
X
X
X
X
X
X
X
X
X
PV3
PV2
PV1
PV0
X
0000h
0Ch
Phone volume
Mute
X
X
X
X
X
X
X
X
X
X
GN4
GN3
GN2
GN1
GN0
8008h
0Eh
Mic Volume
Mute
X
X
X
X
X
X
X
X
20dB
X
GN4
GN3
GN2
GN1
GN0
8008h
10h
Line In Volume
Mute
X
X
GL4
GL3
GL2
GL1
GL0
X
X
X
GR4
GR3
GR2
GR1
GR0
8808h
12h
CD Volume
Mute
X
X
GL4
GL3
GL2
GL1
GL0
X
X
X
GR4
GR3
GR2
GR1
GR0
8808h
14h
Video Volume
Mute
X
X
GL4
GL3
GL2
GL1
GL0
X
X
X
GR4
GR3
GR2
GR1
GR0
8808h
16h
AUX Volume
Mute
X
X
GL4
GL3
GL2
GL1
GL0
X
X
X
GR4
GR3
GR2
GR1
GR0
8808h
18h
PCM Out Volume Mute
X
X
GL4
GL3
GL2
GL1
GL0
X
X
X
GR4
GR3
GR2
GR1
GR0
8808h
1Ah
Record Select
X
X
X
X
X
SL2
SL1
SL0
X
X
X
X
X
SR2
SR1
SR0
0000h
1Ch
Record Gain
Mute
X
X
X
GL3
GL2
GL1
GL0
X
X
X
X
GR3
GR2
GR1
GR0
8000h
20h
General Purpose
X
X
3D
X
X
X
MIX
MS
LPBK
X
X
X
X
X
X
X
0000h
22h
3D Control
X
X
X
X
X
X
X
X
X
X
X
X
DPR1 DPR0
DP1
DP0
0000h
26h
Powerdown
Ctrl/Stat
EAPD
PR6
PR5
PR4
PR3
PR2
PR1
PR0
X
X
X
X
REF
ANL
DAC
ADC
000Fh
28h
Extended Audio
ID
ID1
ID0
X
X
X
X
X
X
SDAC
X
X
X
X
X
X
X
0000h
2Ah
Extended Audio
Status Control
X
X
X
PWD
SDAC
X
X
X
X
SDAC
Ready
X
X
X
X
X
X
X
0000h
38h
Surround DAC
Master Volume
Mute
Left
X
X
ML4
ML3
ML2
ML1
ML0
Mute
Right
X
X
MR4
MR3
MR2
MR1
MR0
8080h
6Ch
Analog Special
X
X
X
X
X
X
X
X
X
X
X
X
X
X
DAC
-6dB
ADC
-6dB
0000h
74h
Multi-Channel
Selection
X
X
X
X
X
X
X
X
X
X
X
X
X
X
MC1
MC0
0000h
7Ch
Vendor ID1
1
0
0
0
0
0
1
1
1
0
0
0
0
1
0
0
8384h
7Eh
Vendor ID2
0
1
1
1
0
1
1
0
0
0
0
0
1
0
0
0
7608h
Notes:
1.
All registers not shown and bits containing an X are reserved.
2.
Any reserved bits, marked X, can be written to but are don’t care upon read back.
3.
PC_BEEP default to 0000h, mute off.
4.
If optional bits D13, D5 of register 02h or D5 of register 06h are set to 1, then the corresponding attenuation
is set to 46dB and the register reads will produce 1Fh as a value for this attenuation/gain block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com