Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9708 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # STAC9708
Description  Multi-Channel AC97 Codec With Multi-Codec Option
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STAC9708 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button STAC9708 Datasheet HTML 28Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 29Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 30Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 31Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 32Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 33Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 34Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 35Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
SigmaTel, Inc.
Preliminary
STAC9708/11
32
10/02/98
Table 18. Multi-Channel Programming Register
MC1, MC0
PCM OUT
LEFT
PCM OUT
RIGHT
PCM2
LEFT
PCM2
RIGHT
0, 0
Slot 3
Slot 4
Slot 7
Slot 8
0, 1
Slot 7
Slot 8
Slot 6
Slot 9
1, 0
Slot 6
Slot 9
Slot 7
Slot 8
1, 1
Slot 6
Slot 9
Slot 10
Slot 11
4.4.10 Powerdown Control/Status Register (Index 26h)
This read/write register is used to program powerdown states and monitor subsystem readiness. The
lower half of this register is read only status, a “1” indicating that the subsection is “ready”. Ready is
defined as the subsection’s ability to perform in its nominal state. When this register is written, the bit
values that come in on AC-Link will have no effect on read only bits 0-7. Bit 15,
When the AC-Link “Codec Ready” indicator bit (SDATA_IN slot 0, bit 15) is a 1, it indicates that the
AC-Link and AC'97 control and status registers are in a fully operational state. The AC'97 controller
must further probe this Powerdown Control/Status Register to determine exactly which subsections, if
any are ready.
Table 19. Powerdown Status Registers
BIT
FUNCTION
EAPD
External Amplifier Power Down
REF
VREF’s up to nominal level
ANL
Analog mixers, etc. ready
DAC
DAC section ready to playback data
ADC
ADC section ready to playback data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com