Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9708 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # STAC9708
Description  Multi-Channel AC97 Codec With Multi-Codec Option
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STAC9708 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button STAC9708 Datasheet HTML 34Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 35Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 36Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 37Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 38Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 39Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 40Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 41Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
SigmaTel, Inc.
Preliminary
STAC9708/11
38
10/02/98
8. EXTENDED CODEC FUNCTIONALITY
8.1 Anti-Pop Circuitry
The STAC9708/11 provides an integrated output signal (APOP on pin 34) to aid in low-component-count anti-
pop implementations. An audible speaker "pop" can occur when the main power is applied to, or removed from,
the codec or audio output amplifier. In ac coupled systems, the speaker sided of the ac coupling capacitor is
shunted to ground through a transistor or FET; this prevents audible pops when the system is powering on and
off. A +10 uF capacitor on CAP1 provides a delay to hold-off power to the output stages on power up. A +22 uF
capacitor provides reserve power to sustain the output shunting action until the power has been fully removed on
power down.
APOP is active logic high during shunting operations; APOP is at logic low during normal
operations.
9. AC TIMING CHARACTERISTICS
(Tambient = 25 °C, AVdd = DVdd = 5.0V or 3.3V ± 5%, AVss=DVss+0V; 50pF external load)
9.1 Cold Reset
Figure 14. Cold Reset
RESET#
BIT_CLK
Tres_low
Trst2clk
Table 23. Cold Reset
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
RESET# active low pulse width
Tres_low
1.0
-
-
us
RESET# inactive to BIT_CLK startup delay
Trst2clk
162.8
-
-
ns
# denotes active low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com