Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9708 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # STAC9708
Description  Multi-Channel AC97 Codec With Multi-Codec Option
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STAC9708 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button STAC9708 Datasheet HTML 21Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 22Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 23Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 24Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 25Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 26Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 27Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 28Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
SigmaTel, Inc.
Preliminary
STAC9708/11
25
10/02/98
4.1
Mixer Input
The mixer provides recording and playback of any audio sources or output mix of all sources. The
STAC9708/11 supports the following input sources:
•
any mono or stereo source
•
mono or stereo mix of all sources
•
2-channel input w/mono output reference (mic + stereo mix)
Note: any unused input pins should have a capacitor (1 uF suggested) to ground.
4.2
Mixer Output
The mixer generates two distinct outputs:
•
a stereo mix of all sources for output to the LINE_OUT
•
a stereo mix of the surround DACs for output to the DAC_OUT
•
a mono, mic only or mix of all sources for MONO_OUT
* Note: Mono output of stereo mix is attenuated by -6 dB .
4.3 PC Beep Implementation
PC Beep is active on power up and defaults to an unmuted state. The user should mute this input
before using any other mixer input because the PC Beep input can contribute noise to the lineout during
normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com