Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9708 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # STAC9708
Description  Multi-Channel AC97 Codec With Multi-Codec Option
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STAC9708 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  STAC9708 Datasheet HTML 1Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 2Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 3Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 4Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 5Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 6Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 7Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 8Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
2
10/02/98
ORDERING INFORMATION:
PART
NUMBER
PACKAGE
TEMPERATURE
RANGE
SUPPLY RANGE
STAC9708T
48-pin TQFP 7mm x7mm x 1.4mm
0o C to +70o C
DVdd = 3.3V or 5V, AVdd = 5V
STAC9711T
48-pin TQFP 7mmx7mm x 1.4mm
0o C to +70o C
DVdd = 3.3V, AVdd = 3.3V
SigmaTel reserves the right to change specifications without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com