Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9708 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # STAC9708
Description  Multi-Channel AC97 Codec With Multi-Codec Option
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STAC9708 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button STAC9708 Datasheet HTML 32Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 33Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 34Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 35Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 36Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 37Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 38Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 39Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
SigmaTel, Inc.
Preliminary
STAC9708/11
36
10/02/98
6. MULTIPLE CODEC SUPPORT
The STAC9708/11 provides support for the multi-codec option according to the Intel AC'97, rev 2.1 specification.
By definition there can be only one Primary Codec (Codec ID 00) and up to three Secondary Codecs (Codec IDs
01,10, and 11).
The Codec ID functions as a chip select.
Secondary devices therefore have completely
orthogonal register sets; each is individually accessible and they do not share registers.
6.1
Primary/Secondary Codec Selection
In a multi-codec environment the codec ID is provided by external programming of pins 45 and 46 (CID0 and
CID1). The CID pin electrical function is logically inverted from the codec ID designation. The corresponding
pin state and its associated codec ID are listed in the "Codec ID Selection" table. Also see slot assignment
discussion, “Multi-Channel Programming Register (Index 74)”.
Table 21. Codec ID Selection
CID1 STATE
CID0 STATE
CODEC ID
CODEC STATUS
+5V or floating
+5V or floating
00
Primary
+5V or floating
0V
01
Secondary
0V
+5V or floating
10
Secondary
0V
0V
11
Secondary
6.1.1
Primary Codec Operation
As a Primary device the STAC9708/11 is completely compatible with existing AC'97 definitions and
extensions. Primary Codec registers are accessed exactly as defined in the AC'97 Component Specification
and AC'97 Extensions. The STAC9708/11 operates as Primary by default, and the external ID pins (47 and
48), have internal pull-ups so that these pins may be left as no-connects for primary operation.
When used as the Primary Codec, the STAC9708/11 generates the master AC-Link BIT_CLK for both the
AC'97 Digital Controller and any Secondary Codecs. The STAC9708/11 can support up to 4, 10 K
Ω 50 pF
loads on the BIT_CLK. This is to insure that up to 4 Codec implementations will not load down the clock
output.
6.1.2 Secondary Codec Operation
When the STAC9708/11 is configured as a Secondary device the BIT_CLK pin is configured as an input at
power up. Using the BIT_CLK provided by the Primary Codec insures that everything on the AC-Link will
be synchronous. As a Secondary device it can be defined as Codec ID 01, 10, or 11 in the two-bit field(s) of
the Extended Audio and/or Extended Modem ID Register(s).
6.2
Secondary Codec Register Access Definitions
The AC'97 Digital Controller can independently access Primary and Secondary Codec registers by using a 2-bit
Codec ID field (chip select) which is defined as the LSBs of Output Slot 0. For Secondary Codec access, the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com