Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9708 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # STAC9708
Description  Multi-Channel AC97 Codec With Multi-Codec Option
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STAC9708 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button STAC9708 Datasheet HTML 12Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 13Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 14Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 15Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 16Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 17Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 18Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 19Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
SigmaTel, Inc.
Preliminary
STAC9708/11
16
10/02/98
the following falling edge of BIT_CLK. This sequence ensures that data transitions, and subsequent
sample points for both incoming and outgoing data streams are time aligned.
Figure 7. Start of an Audio Output Frame
SYNC
BIT_CLK
SDATA_OUT
STAC9708 samples first SDATA_OUT bit of frame here
STAC9708 samples SYNC assertion here
valid
Frame
slot1
slot2
End of previous audio frame
SDATA_OUT’s composite stream is MSB justified (MSB first) with all non-valid slots’ bit positions
stuffed with 0’s by the AC'97 controller.
When mono audio sample streams are sent from the AC'97 controller, it is necessary that BOTH left
and right sample stream time slots be filled with the same data.
3.1.1.1 Slot 1: Command Address Port
The command port is used to control features, and monitor status (see Audio Input Frame
Slots 1 and 2) of the STAC9708/11 functions including, but not limited to, mixer settings,
and power management (refer to the control register section of this specification).
The control interface architecture supports up to 64 16-bit read/write registers, addressable on
even byte boundaries. Only the even registers (00h, 02h, etc.) are valid.
Audio output frame slot 1 communicates control register address, and write/read command
information to the STAC9708/11.
Command Address Port bit assignments:
Bit (19)
Read/Write command (1= read, 0=write)
Bit (18:12) Control Register Index (64 16-bit locations, addressed on even byte boundaries)
Bit (11:0)
Reserved (Stuffed with 0's)
The first bit (MSB) sampled by STAC9708/11 indicates whether the current control
transaction is a read or a write operation. The following 7 bit positions communicate the
targeted control register address. The trailing 12 bit positions within the slot are reserved and
must he stuffed with 0's by the AC'97 controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com