Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9708 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # STAC9708
Description  Multi-Channel AC97 Codec With Multi-Codec Option
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STAC9708 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button STAC9708 Datasheet HTML 26Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 27Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 28Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 29Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 30Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 31Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 32Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 33Page - List of Unclassifed Manufacturers STAC9708 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
SigmaTel, Inc.
Preliminary
STAC9708/11
30
10/02/98
4.4.6 Record Gain Registers (Index 1Ch)
The 1Ch register adjusts the stereo input record gain. Each step corresponds to 1.5 dB. 22.5 dB
corresponds to 0F0Fh and 000Fh respectively. The MSB of the register is the mute bit. When this bit
is set to 1, the level for that channel(s) is set at -
∞ dB.
The default value is 8000h, which corresponds to 0 dB gain with mute on.
Table 14. Record Gain Registers
MUTE
Gx3… Gx0
FUNCTION
0
1111
+22.5 dB gain
0
0000
0 dB gain
1
xxxx
-
∞ gain
4.4.7
General Purpose Register (Index 20h)
This register is used to control some miscellaneous functions. Below is a summary of each bit and its
function. The MS bit controls the mic selector. The LPBK bit enables loopback of the ADC output to
the DAC input without involving the AC-Link, allowing for full system performance measurements.
Table 15. General Purpose Register
BIT
FUNCTION
3D
3D Stereo Enhancement on/off 1 = on
MIX
Mono output select 0 = Mix, 1= Mic
MS
Mic select 0 = Mic1, 1 = Mic2
LPBK
ADC/DAC loopback mode
4.4.8
3D Control Register (Index 22h)
This register is used to control the 3D stereo enhancement function, Sigmatel Surround 3D (SS3D),
built into the AC'97 component. Note that register bits, DP1-DP0 and DPR1-DPR0 are used to control
the separation ratios in the 3D control for both LINE_OUT and DAC_OUT respectively. This allows



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com