Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT970ATC Datasheet(PDF) 9 Page - Intel Corporation

Part # LXT970ATC
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970ATC Datasheet(HTML) 9 Page - Intel Corporation

Back Button LXT970ATC Datasheet HTML 5Page - Intel Corporation LXT970ATC Datasheet HTML 6Page - Intel Corporation LXT970ATC Datasheet HTML 7Page - Intel Corporation LXT970ATC Datasheet HTML 8Page - Intel Corporation LXT970ATC Datasheet HTML 9Page - Intel Corporation LXT970ATC Datasheet HTML 10Page - Intel Corporation LXT970ATC Datasheet HTML 11Page - Intel Corporation LXT970ATC Datasheet HTML 12Page - Intel Corporation LXT970ATC Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
Dual-Speed Fast Ethernet Transceiver — LXT970A
Datasheet
9
Figure 1. LXT970A Block Diagram
Management/
Mode Select
Logic
Decoder &
Descrambler
RXD<0:4>
FIBON
FIBOP
+
-
ECL
Driver
TPON
TPOP
+
TP
Driver
FIBIN
FIBIP
+
-
ECL
Rcvr
TPIN
TPIP
+
-
TP
Rcvr
Serial to
Parallel
Converter
Scrambler
& Encoder
TX_CLK
TXD<0:4>
Parallel
to Serial
Converter
TX_ER
TX_EN
Carrier Sense
Collision Detect
Data Valid
Error Detect
COL
CRS
RX_ER
RX_DV
MF<0:4>
CFG<0:1>
Crystal Osc
& PLL
RX_CLK
LED
Drivers
TRSTE
LED_
RESET
FDS/MDINT
MDIO
XTALI/O
Clock
Generator
Auto
Negotiation
Baseline
Wander
Correction
MDDIS
PwrDown/
Line Energy
Monitor
PWR_DWN
FDE
Slicer
Manchester
Decoder
Pulse
Shaper
Manchester
Encoder
10
100
10
100
MII
TX
MII
RX
MII
MGMT
2
-
100Mbps
Loopback
10Mbps
Loopback
MDC
Hardware
Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com