Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT970ATC Datasheet(PDF) 29 Page - Intel Corporation

Part # LXT970ATC
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970ATC Datasheet(HTML) 29 Page - Intel Corporation

Back Button LXT970ATC Datasheet HTML 25Page - Intel Corporation LXT970ATC Datasheet HTML 26Page - Intel Corporation LXT970ATC Datasheet HTML 27Page - Intel Corporation LXT970ATC Datasheet HTML 28Page - Intel Corporation LXT970ATC Datasheet HTML 29Page - Intel Corporation LXT970ATC Datasheet HTML 30Page - Intel Corporation LXT970ATC Datasheet HTML 31Page - Intel Corporation LXT970ATC Datasheet HTML 32Page - Intel Corporation LXT970ATC Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 74 page
background image
Dual-Speed Fast Ethernet Transceiver — LXT970A
Datasheet
29
2.3.3
Bias Circuit Requirements
A 22.1 k
Ω 1% resistor must be tied between the RBIAS input and ground. High-speed signals
should be kept away from this resistor. Follow the layout recommendations given in the Design
Recommendations section on page 42.
2.4
Initialization
At power-up or reset, the LXT970A performs the initialization sequence shown in Figure 11.
2.4.1
Control Mode Selection
Mode control selection is provided via the MDDIS pin as shown in Table 15. When pin 15
(MDDIS) is High, the LXT970A enters Manual Control Mode. When MDDIS is Low, MDIO
Control Mode is enabled.
2.4.1.1
MDIO Control Mode
In the MDIO Control mode, the LXT970A reads the Hardware Control Interface pins to set the
initial (default) values of the MDIO registers. Once the initial values are set, bit control reverts to
the MDIO interface.
2.4.1.2
Manual Control Mode
In the Manual Control Mode, LXT970A disables direct write operations to the MDIO registers via
the MDIO Interface. The LXT970A continuously monitors the Hardware Control Interface pins
and updates the MDIO registers accordingly.
2.4.2
Link Configuration
When the LXT970A is first powered on, reset, or encounters a link failure state, it must determine
the line speed and operating conditions to use for the network link. The LXT970A first checks the
MDIO registers (initialized via the Hardware Control Interface or MDIO Interface) for operating
instructions. Both control modes allow the user to either force the LXT970A to a specific
configuration or allow it to auto-negotiate the optimum configuration with its link partner.
Table 15. Mode Control Settings
Mode
MDDIS
RESET
PWRDWN
MDIO Control
Low
High
Low
Manual Control
High
High
Low
Reset
-
Low
Low
Power Down
-
-
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com