Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT970ATC Datasheet(PDF) 14 Page - Intel Corporation

Part # LXT970ATC
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970ATC Datasheet(HTML) 14 Page - Intel Corporation

Back Button LXT970ATC Datasheet HTML 10Page - Intel Corporation LXT970ATC Datasheet HTML 11Page - Intel Corporation LXT970ATC Datasheet HTML 12Page - Intel Corporation LXT970ATC Datasheet HTML 13Page - Intel Corporation LXT970ATC Datasheet HTML 14Page - Intel Corporation LXT970ATC Datasheet HTML 15Page - Intel Corporation LXT970ATC Datasheet HTML 16Page - Intel Corporation LXT970ATC Datasheet HTML 17Page - Intel Corporation LXT970ATC Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 74 page
background image
LXT970A — Dual-Speed Fast Ethernet Transceiver
14
Datasheet
Table 7.
LXT970A Hardware Control Interface Signal Descriptions
Pin#1
Pin Name
I/O2
Signal Description3
8
7
6
5
4
MF0
MF1
MF2
MF3
MF4
I
Multi-Function (MF). Five dual-function configuration inputs. Each pin accepts one of four
input voltage levels (VMF1 = 5V, VMF2 = 3.5V, VMF3 = 1.5V, VMF4 = 0V).
A simple resistor divider network, as shown in Figure 20 on page 45, is required to establish
Mid-level (VMF2 and VMF3) settings. VMF1 and VMF4 (default) settings, can be established
with the LXT970A standard power supply and do not require a voltage divider. One voltage
divider may be used to drive the MF pins in designs using multiple LXT970A’s.
Each MF pin internally drives two different configuration functions. The first function
determines the 5-bit address that the LXT970A responds to on the MDIO line. The second
function determines a particular operational mode of the LXT970A. Each MF pin also
determines the state of a particular bit in the MII registers. The MDDIS input determines if this
effect occurs only at initialization (MDDIS = 0) or continuously (MDDIS = 1). The relationship
between the input levels and the two configuration functions are shown in Table 8 on page 16
and Table 9 on page 17.
The operating functions of MF4, CFGO, and CFG1 change depending on the state of MF0
(Auto-Negotiation enabled or disabled). The functions of MF4, CFG1 and FDE are
interrelated.
The functions of the five MF inputs are as follows:
1. Pin numbers apply to all package types.
2. I/O Column Coding: I = Input, O = Output, OD = Open Drain, A = Analog.
3. FDE, CFG0, and CFG1 are affected by the MDDIS input pin. When MDDIS = 0, these inputs determine only the initial state
of the function they control. When MDDIS = 1, these inputs provide continuous hardware control over their corresponding
functions.
Pin
MII Address
MII Bit
Operating Function
MF0
0
0.12
Auto-Negotiation
MF1
1
19.13
Repeater Mode (Disabling DTE Mode)
MF2
2
19.4
5B Symbol Mode (Disabling 4B Nibble Mode)
MF3
3
19.3
Scrambler Operation (Disabling Scrambler)
MF4
4
4.7
4.8
Auto-Negotiation Enabled - Advertise 100 Mbps
19.2
Auto-Negotiation Disabled - Selects TX/FX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com