Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT970ATC Datasheet(PDF) 66 Page - Intel Corporation

Part # LXT970ATC
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970ATC Datasheet(HTML) 66 Page - Intel Corporation

Back Button LXT970ATC Datasheet HTML 62Page - Intel Corporation LXT970ATC Datasheet HTML 63Page - Intel Corporation LXT970ATC Datasheet HTML 64Page - Intel Corporation LXT970ATC Datasheet HTML 65Page - Intel Corporation LXT970ATC Datasheet HTML 66Page - Intel Corporation LXT970ATC Datasheet HTML 67Page - Intel Corporation LXT970ATC Datasheet HTML 68Page - Intel Corporation LXT970ATC Datasheet HTML 69Page - Intel Corporation LXT970ATC Datasheet HTML 70Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 74 page
background image
LXT970A — Dual-Speed Fast Ethernet Transceiver
66
Datasheet
Table 47. PHY Identification Register 1 (Address 2)
Bit
Name
Description
Type 1
Default
2.15:0
PHY ID
Number
The PHY identifier composed of bits 3 through 18 of the OUI.
RO
7810 hex
1. RO = Read Only
Table 48. PHY Identification Register 2 (Address 3)
Bit
Name
Description
Type 1
Default
3.15:10
PHY ID number
The PHY identifier composed of bits 19 through 24 of the OUI.
RO
000000 bin
3.9:4
Manufacturer’s
model number
6 bits containing manufacturer’s part number.
RO
000000 bin
3.3:0
Manufacturer’s
revision number
4 bits containing manufacturer’s revision number.
RO
0011 bin
1. RO = Read Only
Figure 37. PHY Identifier Bit Mapping
a b c
r
s
x
Organizationally Unique Identifier
1 2 3
18 19
24
PHY ID Register 1
15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
PHY ID Register 2
15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
Manufacturers
Revision
Part Number
Number
5 4 3 2 1 0
3 2 1 0
The Intel OUI is 00207B hex.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com