Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT970ATC Datasheet(PDF) 47 Page - Intel Corporation

Part # LXT970ATC
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970ATC Datasheet(HTML) 47 Page - Intel Corporation

Back Button LXT970ATC Datasheet HTML 43Page - Intel Corporation LXT970ATC Datasheet HTML 44Page - Intel Corporation LXT970ATC Datasheet HTML 45Page - Intel Corporation LXT970ATC Datasheet HTML 46Page - Intel Corporation LXT970ATC Datasheet HTML 47Page - Intel Corporation LXT970ATC Datasheet HTML 48Page - Intel Corporation LXT970ATC Datasheet HTML 49Page - Intel Corporation LXT970ATC Datasheet HTML 50Page - Intel Corporation LXT970ATC Datasheet HTML 51Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 74 page
background image
Dual-Speed Fast Ethernet Transceiver — LXT970A
Datasheet
47
4.0
Test Specifications
Note:
Table 21 through Table 43 and Figure 22 through Figure 36 represent the performance
specifications of the LXT970A. These specifications are guaranteed by test except where noted “by
design.” Minimum and maximum values listed in Table 23 through Table 43 apply over the
recommended operating conditions specified in Table 22.
Table 21. Absolute Maximum Ratings
Parameter
Sym
Min
Max
Units
Supply Voltage
VCC
-0.3
6
V
Operating Temperature
Ambient
TOPA
-15
+85
ºC
Case
TOPC
–
+120
ºC
Storage Temperature
TST
-65
+150
ºC
Caution:
Exceeding these values may cause permanent damage. Functional operation under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
Table 22. Operating Conditions
Parameter
Sym
Min
Typ
1
Max
Units
Recommended Supply Voltage2
Except MII Supply
VCC
4.75
5.0
5.25
V
MII Supply
VCCIO
3.125
–
5.25
V
Recommended Operating Temperature
Ambient
TOPA
0
–
70
ºC
Case
TOPC
0
–
110
ºC
Power Consumption
(+5V Only)
100BASE-TX
ICC
–
170
–
mA
100BASE-FX
ICC
–
80
–
mA
10BASE-T
ICC
–
185
–
mA
Power-Down Mode
ICC
–
9
–
mA
Auto-Negotiation
ICC
–
240
270
mA
1. Typical values are at 25 °C and are for design aid only; not guaranteed and not subject to production testing.
2. Voltages with respect to ground unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com