Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT970ATC Datasheet(PDF) 55 Page - Intel Corporation

Part # LXT970ATC
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970ATC Datasheet(HTML) 55 Page - Intel Corporation

Back Button LXT970ATC Datasheet HTML 51Page - Intel Corporation LXT970ATC Datasheet HTML 52Page - Intel Corporation LXT970ATC Datasheet HTML 53Page - Intel Corporation LXT970ATC Datasheet HTML 54Page - Intel Corporation LXT970ATC Datasheet HTML 55Page - Intel Corporation LXT970ATC Datasheet HTML 56Page - Intel Corporation LXT970ATC Datasheet HTML 57Page - Intel Corporation LXT970ATC Datasheet HTML 58Page - Intel Corporation LXT970ATC Datasheet HTML 59Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 74 page
background image
Dual-Speed Fast Ethernet Transceiver — LXT970A
Datasheet
55
Figure 26. MII - 100BASE-FX Receive Timing / 4B Mode
Table 35. MII - 100BASE-FX Receive Timing Parameters / 4B Mode
Parameter
Sym
Min
Typ
1
Max
Units3
RXD, RX_DV, RX_ER Setup to RX_CLK High
t5A
10
––
ns
RXD, RX_DV, RX_ER Hold from RX_CLK High
t5B
10
––
ns
CRS asserted to RXD<3:0>, RX_DV asserted
t5C
–
8
–
BT
Receive start of “J” to CRS asserted
t5D
0
13 - 17
20
BT
Receive start of “T” to CRS de-asserted
t5E
13
21 - 25
26
BT
Receive start of “J” to COL asserted
t5F
0
13 - 17
20
BT
Receive start of “T” to COL de-asserted
t5G
13
21 - 25
26
BT
TRSTE asserted to RX_DV, RXD<3:0> driven2
t5H
–
20
–
ns
1. Typical values are at 25 °C and are for design aid only; not guaranteed and not subject to production testing.
2. These parameters apply only when the device is operated in Repeater Mode.
3. BT is the duration of one bit as transferred to and from the MAC and is the reciprocal of the bit rate. 100BASE-T bit time = 10-
8 s or 10 ns.
t5H1
t5D
t5E
t5C
t5F
t5G
0ns
250ns
CRS
TRSTE1
RX_DV
RXD<3:0>
RX_CLK
COL
t5A
t5B
Note
2
FIBIP
1. These parameters apply only when the device is operated in Repeater Mode.
2. In Repeater Mode, application circuit must assert TRSTE within time period specified by t4 - t10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com