Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT970ATC Datasheet(PDF) 49 Page - Intel Corporation

Part # LXT970ATC
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970ATC Datasheet(HTML) 49 Page - Intel Corporation

Back Button LXT970ATC Datasheet HTML 45Page - Intel Corporation LXT970ATC Datasheet HTML 46Page - Intel Corporation LXT970ATC Datasheet HTML 47Page - Intel Corporation LXT970ATC Datasheet HTML 48Page - Intel Corporation LXT970ATC Datasheet HTML 49Page - Intel Corporation LXT970ATC Datasheet HTML 50Page - Intel Corporation LXT970ATC Datasheet HTML 51Page - Intel Corporation LXT970ATC Datasheet HTML 52Page - Intel Corporation LXT970ATC Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 74 page
background image
Dual-Speed Fast Ethernet Transceiver — LXT970A
Datasheet
49
Table 26. Low Voltage Fault Detect Characteristics
Parameter
Sym
Min
Typ
1
Max
Units
Test Conditions
Detect Fault Threshold
VLT
3.4
–
4.0
V
–
Clear Fault Threshold
VLH
4.1
–
4.7
V
–
1. Typical values are at 25 °C and are for design aid only; not guaranteed and not subject to production testing.
Table 27. 100BASE-TX Transceiver Characteristics
Parameter
Sym
Min
Typ
1
Max
Units
Test Conditions
Peak Differential Output Voltage
VOP
0.95
–
1.05
V
Note 2
Signal Amplitude Symmetry
Vss
98
–
102
%
Note 2
Signal Rise/Fall Time
TRF
3.0
–
5.0
ns
Note 2
Rise/Fall Time Symmetry
TRFS
––
0.5
ns
Note 2
Duty Cycle Distortion
DCD
––
± 0.5
ns
Offset from 16ns
pulse width at 50% of
pulse peak
Overshoot/Undershoot
VOS
––
5%
–
1. Typical values are at 25 °C and are for design aid only; not guaranteed and not subject to production testing.
2. Measured at the line side of the transformer, line replaced by 100
Ω (±1%) resistor.
Table 28. 100BASE-FX Transceiver Characteristics
Parameter
Sym
Min
Typ
1
Max
Units
Test Conditions
Transmitter
Peak Differential Output Voltage
(Single Ended)
VOP
0.6
–
1.0
V
–
Signal Rise/Fall Time
TRF
––
1.6
ns
10 <–> 90%
2.0 pF load
Jitter (Measured Differentially)
–––
1.3
ns
–
Receiver
Peak Differential Input Voltage
VIP
0.55
–
1.5
V
–
Common-Mode Input Range
VCMIR
2.25
–
VCC - 0.5
V
–
1. Typical values are at 25 °C and are for design aid only; not guaranteed and not subject to production testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com