Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT970ATC Datasheet(PDF) 15 Page - Intel Corporation

Part # LXT970ATC
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970ATC Datasheet(HTML) 15 Page - Intel Corporation

Back Button LXT970ATC Datasheet HTML 11Page - Intel Corporation LXT970ATC Datasheet HTML 12Page - Intel Corporation LXT970ATC Datasheet HTML 13Page - Intel Corporation LXT970ATC Datasheet HTML 14Page - Intel Corporation LXT970ATC Datasheet HTML 15Page - Intel Corporation LXT970ATC Datasheet HTML 16Page - Intel Corporation LXT970ATC Datasheet HTML 17Page - Intel Corporation LXT970ATC Datasheet HTML 18Page - Intel Corporation LXT970ATC Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 74 page
background image
Dual-Speed Fast Ethernet Transceiver — LXT970A
Datasheet
15
13
FDE
I
Full-Duplex Enable.
When A/N is enabled, FDE determines full-duplex advertisement capability in combination
with MF4 and CFG1.
When A/N is disabled, FDE directly affects full-duplex operation and determines the value of
bit 0.8 (Duplex Mode).
When FDE is High, full-duplex is enabled and 0.8 = 1.
When FDE is Low, full-duplex is disabled and 0.8 = 0.
14
CFG0
I
Configuration Control 0.
When A/N is enabled, Low-to-High transition on CFG0 causes auto-negotiate to re-start and
0.9 = 1.
When A/N is disabled, this input selects operating speed and directly affects bit 0.13.
When CFG0 is High, 100 Mbps is selected and 0.13 = 1. If FX Operation is selected, this
input must be tied High.
When CFG0 is Low, 10 Mbps is selected and 0.13 = 0.
33
CFG1
I
Configuration Control 1.
When A/N is enabled, CFG1 determines operating speed advertisement capabilities in
combination with MF4.
When A/N is disabled, CFG1 enables 10 Mbps link test function and directly affects bit 19.8.
When CFG1 is High, 10 Mbps link test is disabled and 19.8 = 1.
When CFG1 is Low, 10 Mbps link test is enabled and 19.8 = 0.
Table 7.
LXT970A Hardware Control Interface Signal Descriptions (Continued)
Pin#1
Pin Name
I/O2
Signal Description3
1. Pin numbers apply to all package types.
2. I/O Column Coding: I = Input, O = Output, OD = Open Drain, A = Analog.
3. FDE, CFG0, and CFG1 are affected by the MDDIS input pin. When MDDIS = 0, these inputs determine only the initial state
of the function they control. When MDDIS = 1, these inputs provide continuous hardware control over their corresponding
functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com