Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT970ATC Datasheet(PDF) 39 Page - Intel Corporation

Part # LXT970ATC
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970ATC Datasheet(HTML) 39 Page - Intel Corporation

Back Button LXT970ATC Datasheet HTML 35Page - Intel Corporation LXT970ATC Datasheet HTML 36Page - Intel Corporation LXT970ATC Datasheet HTML 37Page - Intel Corporation LXT970ATC Datasheet HTML 38Page - Intel Corporation LXT970ATC Datasheet HTML 39Page - Intel Corporation LXT970ATC Datasheet HTML 40Page - Intel Corporation LXT970ATC Datasheet HTML 41Page - Intel Corporation LXT970ATC Datasheet HTML 42Page - Intel Corporation LXT970ATC Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
Dual-Speed Fast Ethernet Transceiver — LXT970A
Datasheet
39
For 10T links, CRS assertion is based on reception of valid preamble, and de-assertion on reception
of an end-of-frame (EOF) marker.
The PMA layer in the LXT970A does not support the optional Far-End-Fault function.
2.8.3
Twisted-Pair PMD Layer
The twisted-pair Physical Medium Dependent (PMD) layer provides the signal scrambling and
descrambling, line coding and decoding (MLT-3 for 100TX, Manchester for 10T), as well as
receiving, polarity correction, and baseline wander correction functions.
2.8.3.1
Scrambler/Descrambler (100TX Only)
The scrambler spreads the signal power spectrum and reduces EMI and baseline wander.
Scrambling is done with an 11-bit, non-data-dependent polynomial. The receiver automatically
decodes the polynomial whenever IDLE symbols are received.
The LXT970A provides a scrambler-bypass mode for testing purposes. Bypassing the scrambler
causes the PCS-layer encoder to be bypassed as well, and the MII to operate in 5B mode.
2.8.3.2
Baseline Wander Correction
(100TX Only)
The LXT970A provides a baseline wander correction function that makes the device robust under
all network operating conditions. The MLT3 coding scheme used in 100BASE-TX is by definition
“unbalanced”, which means the average DC value of the signal voltage can “wander” significantly
over short time intervals (tenths of seconds). In less robust PHY devices, this wander can cause
receiver errors, particularly at long line lengths (100 meters). The exact characteristics of the
wander are completely data dependent. The LXT970A baseline wander correction circuitry allows
error-free data recovery, even at long line lengths.
2.8.3.3
Polarity Correction
The LXT970A automatically detects and corrects for the condition where the receive signal (TPIP/
N) is inverted. Reversed polarity is detected if eight inverted link pulses, or four inverted end-of-
frame markers, are received consecutively. If link pulses or data are not received for 96-128 ms,
the polarity state is reset to a non-inverted state.
2.8.4
Fiber PMD Layer
The LXT970A provides a pseudo-ECL interface for connection to an external fiber optic
transceiver. (The external transceiver provides the PMD function for fiber media.) The LXT970A
uses an NRZI format for the fiber interface. The fiber interface operates at 100 Mbps and is
intended for 100FX applications. It does not support 10FL applications. The fiber interface does
not support the signal detect function supplied by most fiber optic transceivers. However, the link
detection function in the PMA layer quickly detects faults in the fiber link.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com