Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT970ATC Datasheet(PDF) 73 Page - Intel Corporation

Part # LXT970ATC
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970ATC Datasheet(HTML) 73 Page - Intel Corporation

Back Button LXT970ATC Datasheet HTML 66Page - Intel Corporation LXT970ATC Datasheet HTML 67Page - Intel Corporation LXT970ATC Datasheet HTML 68Page - Intel Corporation LXT970ATC Datasheet HTML 69Page - Intel Corporation LXT970ATC Datasheet HTML 70Page - Intel Corporation LXT970ATC Datasheet HTML 71Page - Intel Corporation LXT970ATC Datasheet HTML 72Page - Intel Corporation LXT970ATC Datasheet HTML 73Page - Intel Corporation LXT970ATC Datasheet HTML 74Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 73 / 74 page
background image
Dual-Speed Fast Ethernet Transceiver — LXT970A
Datasheet
73
6.0
Mechanical Specifications
Figure 38. 64-Pin QFP Package Diagram
Dim
Millimeters
Min
Max
A
–
3.30
A1
0.000
0.25
A2
2.55
3.05
B
0.30
0.45
D
17.65
18.15
D1
13.95
14.05
D3
12.00 REF
E
17.65
18.15
E1
13.95
14.05
E3
12.00 REF
e
0.80 BSC
L
0.73
1.03
L1
1.95 REF
θ
3
5°
16°
θ
0°
7°
64-Pin Quad Flat Pack
• Part Number - LXT970AQC
• Commercial Temperature Range (0 to +70ºC)
A
1
A
2
L
A
B
L
1
θ
3
θ
3
θ
D
D
1
E
E
1
e/
2
e
E
3
D
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com